Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB1035 Datasheet(PDF) 3 Page - International Rectifier

Part # MBRB1035
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB1035 Datasheet(HTML) 3 Page - International Rectifier

  MBRB1035 Datasheet HTML 1Page - International Rectifier MBRB1035 Datasheet HTML 2Page - International Rectifier MBRB1035 Datasheet HTML 3Page - International Rectifier MBRB1035 Datasheet HTML 4Page - International Rectifier MBRB1035 Datasheet HTML 5Page - International Rectifier MBRB1035 Datasheet HTML 6Page - International Rectifier MBRB1035 Datasheet HTML 7Page - International Rectifier MBRB1035 Datasheet HTML 8Page - International Rectifier MBRB1035 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IRU3007
3
Rev. 2.1
08/20/02
www.irf.com
Error Comparator Section
Input Bias Current
Input Offset Voltage
Delay to Output
Current Limit Section
CS Threshold Set Current
CS Comp Offset Voltage
Hiccup Duty Cycle
Output Drivers Section
Rise Time
Fall Time
Dead Band Time Between
High Side and Synch Drive
(Vcore Switcher Only)
2.5V Regulator (VOUT4)
Reference Voltage
Reference Voltage
Dropout Voltage
Load Regulation
Line Regulation
Input Bias Current
Output Current
Current Limit
Thermal Shutdown
1.5V Regulator (VOUT3)
Reference Voltage
Reference Voltage
Input Bias Current
Output Drive Current
Power Good Section
Core UV Lower Trip Point
Core UV Upper Trip Point
Core UV Hysteresis
Core OV Upper Trip Point
Core OV Lower Trip Point
Core OV Hysteresis
I/O UV lower trip point
I/O UV Upper Trip Point
Fb4 Lower Trip Point
Fb4 Upper Trip Point
Fb3 Lower Trip Point
Fb3 Upper Trip Point
Power Good Output LO
Power Good Output HI
Fault (Over-Voltage) Section
Core OV Upper Trip Point
Core OV Lower Trip Point
Soft-Start Section
Pull-Up Resistor to 5V
I/O OV Upper Trip Point
I/O OV Lower Trip Point
Fault Output HI
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX UNITS
VDIFF=10mV
CSS=0.1
mF
CL=3000pF
CL=3000pF
CL=3000pF
TA=25
8C, VOUT4=Fb4
IO=200mA
1mA<IO<200mA
3.1V<VI/O<4V, VO=2.5V
TA=25
8C, Gate3=Fb3
VSEN1 Ramping Down
VSEN1 Ramping Up
VSEN1 Ramping Up
VSEN1 Ramping Down
VSEN2 Ramping Down
VSEN2 Ramping Up
Fb4 Ramping Down
Fb4 Ramping Up
Fb3 Ramping Down
Fb3 Ramping Up
RL=3mA
RL=5K Pull Up to 5V
VSEN1 Ramping Up
VSEN1 Ramping Down
OCSet=0V, Phase=5V
VSEN2 Ramping Up
VSEN2 Ramping Down
IO=3mA
-2
-5
200
300
50
mA
mV
ns
mA
mV
%
ns
ns
ns
V
V
V
%
%
mA
mA
mA
8C
V
V
mA
mA
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
K
V
V
V
V
2
+2
100
+5
2
2
200
10
70
70
200
1.260
1.260
0.6
0.5
0.2
145
1.260
1.260
0.90Vs
0.92Vs
0.02Vs
1.10Vs
1.08Vs
0.02Vs
2.4
2.6
0.95
1.05
0.95
1.05
0.4
4.8
1.17Vs
1.15Vs
23
4.3
4.2
10
VO4
VO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com