Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB1035 Datasheet(PDF) 1 Page - International Rectifier

Part # MBRB1035
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB1035 Datasheet(HTML) 1 Page - International Rectifier

  MBRB1035 Datasheet HTML 1Page - International Rectifier MBRB1035 Datasheet HTML 2Page - International Rectifier MBRB1035 Datasheet HTML 3Page - International Rectifier MBRB1035 Datasheet HTML 4Page - International Rectifier MBRB1035 Datasheet HTML 5Page - International Rectifier MBRB1035 Datasheet HTML 6Page - International Rectifier MBRB1035 Datasheet HTML 7Page - International Rectifier MBRB1035 Datasheet HTML 8Page - International Rectifier MBRB1035 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IRU3007
1
Rev. 2.1
08/20/02
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU3007 controller IC is specifically designed to meet
Intel specification for Pentium II
™ microprocessor ap-
plications as well as the next generation of P6 family
processors. The IRU3007 provides a single chip control-
ler IC for the Vcore, LDO controller for GTL+ and an
internal 200mA regulator for clock supply which are re-
quired for the Pentium II applications. It also contains a
switching controller to convert 5V to 3.3V regulator for
on-board applications that uses either AT type power
supply or is desired not to rely on the ATX power supply’s
3.3V output. These devices feature a patented topology
that in combination with a few external components, as
shown in the typical application circuit, will provide in
excess of 14A of output current for an on-board DC/DC
converter while automatically providing the right output
voltage via the 5-bit internal DAC. The IRU3007 also fea-
tures, loss-less current sensing for both switchers by
using the RDS(on) of the high-side power MOSFET as the
sensing resistor, internal current limiting for the clock
supply, a Power Good window comparator that switches
its open collector output low when any one of the out-
puts is outside of a pre-programmed window. Other fea-
tures of the device are: Under-Voltage Lockout for both
5V and 12V supplies, an external programmable soft-
start function, programming the oscillator frequency via
an external resistor, Over-Voltage Protection (OVP) cir-
cuitry for both switcher outputs and an internal thermal
shutdown.
Provides Single Chip Solution for Vcore, GTL+,
Clock Supply & 3.3V Switcher On-Board
Second switcher provides simple control for the
on-board 3.3V supply
200mA On-Board LDO Regulator
Designed to meet Intel VRM 8.2 and 8.3 specifica-
tion for Pentium II
™
On-Board DAC programs the output voltage from
1.3V to 3.5V
Linear Regulator Controller On-Board for 1.5V
GTL+ supply
Loss-less Short Circuit Protection
Synchronous Operation allows maximum efficiency
Patented architecture allows fixed frequency
operation as well as 100% duty cycle during
dynamic load
Minimum Part Count
Soft-Start
High current totem pole drivers for directly driving
the external Power MOSFETs
Power Good function monitors all outputs
Over-Voltage Protection circuitry protects the
switcher outputs and generates a fault output
Thermal Shutdown
PACKAGE ORDER INFORMATION
FEATURES
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRO-
NOUS, ADJUSTABLE LDO AND 200mA ON-BOARD LDO
APPLICATIONS
Total Power Solution for Pentium II processor
application
Note: Pentium II and Pentium Pro are trademarks of Intel Corp.
TA (°C)
DEVICE
PACKAGE
0 To 70
IRU3007CW
28-pin Plastic SOIC WB (W)
Data Sheet No. PD94142
Figure 1 - Typical application of IRU3007.
LINEAR
CONTROL
SWITCHER2
CONTROL
LINEAR
REGULATOR
SWITCHER1
CONTROL
IRU3007
VOUT 3
VOUT 2
5V
VOUT1
VOUT4


Similar Part No. - MBRB1035

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRB1035 GE-MBRB1035 Datasheet
71Kb / 2P
SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRB1035 GOOD-ARK-MBRB1035 Datasheet
255Kb / 3P
Schottky Barrier Rectifiers
logo
International Rectifier
MBRB1035 IRF-MBRB1035 Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRB1035 VISHAY-MBRB1035 Datasheet
143Kb / 5P
Schottky Barrier Rectifier
07-May-08
MBRB1035 VISHAY-MBRB1035 Datasheet
106Kb / 6P
Schottky Rectifier, 10 A
22-Aug-08
More results

Similar Description - MBRB1035

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3007 UNISEM-US3007 Datasheet
101Kb / 15P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS NON SYNCHRONOUS , LDO CONTROLLER AND 200MmA LDO ON BOARD
US3018 UNISEM-US3018 Datasheet
108Kb / 17P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON BOARD
US3021B UNISEM-US3021B Datasheet
62Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3021M UNISEM-US3021M Datasheet
61Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3027 UNISEM-US3027 Datasheet
65Kb / 8P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPPLE LDO CONTROLLER
US3004 UNISEM-US3004 Datasheet
99Kb / 14P
5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
IRU3004 IRF-IRU3004 Datasheet
104Kb / 17P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH DUAL LDO CONTROLLER
IRU3018 IRF-IRU3018 Datasheet
148Kb / 16P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS LDO CONTROLLER AND 200mA LDO ON-BOARD
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com