Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRB1035 Datasheet(PDF) 4 Page - International Rectifier

Part # MBRB1035
Description  5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MBRB1035 Datasheet(HTML) 4 Page - International Rectifier

  MBRB1035 Datasheet HTML 1Page - International Rectifier MBRB1035 Datasheet HTML 2Page - International Rectifier MBRB1035 Datasheet HTML 3Page - International Rectifier MBRB1035 Datasheet HTML 4Page - International Rectifier MBRB1035 Datasheet HTML 5Page - International Rectifier MBRB1035 Datasheet HTML 6Page - International Rectifier MBRB1035 Datasheet HTML 7Page - International Rectifier MBRB1035 Datasheet HTML 8Page - International Rectifier MBRB1035 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Rev. 2.1
08/20/02
IRU3007
www.irf.com
PIN DESCRIPTIONS
Note 1: Vs refers to the set point voltage given in Table 1
D4
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D3
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
D2
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
D1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
D0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
Vs
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
2.05
D4
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
D3
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
D2
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
D1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
D0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
Vs
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Table 1 - Set point voltage vs. VID codes
Output driver for the high-side power MOSFET for the I/O supply.
This pin is connected to the Source of the power MOSFET for the I/O supply and it
provides the negative sensing for the internal current sensing circuitry.
This pin selects a range of output voltages for the DAC. When in the LO state the range
is 1.3V to 2.05V and when it switches to HI state the range is 2.0V to 3.5V. This pin is
TTL compatible that realizes a logic “1” as either HI or Open. When left open, this pin is
pulled up internally by a 27K
V resistor to 5V supply.
MSB input to the DAC that programs the output voltage. This pin is TTL compatible that
realizes a logic “1” as either HI or Open. When left open, this pin is pulled up internally by
a 27K
V resistor to 5V supply.
Input to the DAC that programs the output voltage. This pin is TTL compatible that real-
izes a logic “1” as either HI or Open. When left open, this pin is pulled up internally by a
27K
V resistor to 5V supply.
Input to the DAC that programs the output voltage. This pin is TTL compatible that real-
izes a logic “1” as either HI or Open. When left open, this pin is pulled up internally by a
27K
V resistor to 5V supply.
LSB input to the DAC that programs the output voltage. This pin is TTL compatible that
realizes a logic “1” as either HI or Open. When left open, this pin is pulled up internally by
a 27K
V resistor to 5V supply.
This pin is an open collector output that switches LO when any of the outputs are outside
of the specified under voltage trip point. It also switches low when VSEN1 pin is more than
10% above the DAC voltage setting.
This pin is connected to the Drain of the power MOSFET of the I/O supply and it provides
the positive sensing for the internal current sensing circuitry. An external resistor pro-
grams the CS threshold depending on the RDS of the power MOSFET. An external ca-
pacitor is placed in parallel with the programming resistor to provide high frequency noise
filtering.
PIN#
PIN SYMBOL
PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
UGate2
Phase2
VID4
VID3
VID2
VID1
VID0
PGood
OCSet2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com