Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684CS Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684CS
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684CS Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP684CS Datasheet HTML 1Page - National Semiconductor (TI) COP684CS Datasheet HTML 2Page - National Semiconductor (TI) COP684CS Datasheet HTML 3Page - National Semiconductor (TI) COP684CS Datasheet HTML 4Page - National Semiconductor (TI) COP684CS Datasheet HTML 5Page - National Semiconductor (TI) COP684CS Datasheet HTML 6Page - National Semiconductor (TI) COP684CS Datasheet HTML 7Page - National Semiconductor (TI) COP684CS Datasheet HTML 8Page - National Semiconductor (TI) COP684CS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
COP888xG/CS Family
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k
Memory, Comparators and USART
General Description
Note: COP8SG devices are form-fit-function compatible su-
persets of the COP888xG/CL/CS Family devices, and are
replacements for these in new designs, and design up-
grades with minimum effort.
The COP888xG ROM based microcontrollers are highly inte-
grated COP8™ Feature core devices with larger memory (4k
to 24k) and advanced features including two Analog com-
parators. These single-chip CMOS devices are suited for
more complex applications requiring a full featured controller
with a range of memory sizes, low EMI (except EG), com-
parators, and a full-duplex USART. Pin and software com-
patible (different V
CC range) 8k toor 32k OTP (One Time
Programmable) versions are available (COP8SGx7 Family).
Erasable windowed versions are available for use with a
range of software and hardware development tools.
Family features include an 8-bit memory mapped architec-
ture, 10 MHz CKI with 1µs instruction cycle, three multi-
function
16-bit
timer/counters,
full-duplex
USART,
MICROWIRE/PLUS™ serial I/O, two Analog comparators,
two power saving HALT/IDLE modes, idle timer, MIWU, high
current outputs, software selectable I/O options, WATCH-
DOG™ timer and Clock Monitor, low EMI 2.5V to 5.5V opera-
tion, and 28/40/44 pin packages.
Devices included in this datasheet are:
Device
Memory
(bytes)
RAM
(bytes)
I/O
Pins
Packages
Temperature
Comments
COP684CS
4k ROM
192
24
28 DIP/SOIC
-55 to +125˚C
4.5V - 5.5V
COP884CS
4k ROM
192
24
28 DIP/SOIC
-40 to +85˚C
COP984CS
4k ROM
192
24
28 DIP/SOIC
-0 to +70˚C
2.5V - 4.0V, CSH=4.0V - 6.0V
COP688CS
4k ROM
192
36/40
40 DIP, 44 PLCC
-55 to +125˚C
4.5V - 5.5V
COP888CS
4k ROM
192
36/40
40 DIP, 44 PLCC
-40 to +85˚C
COP988CS
4k ROM
192
36/40
40 DIP, 44 PLCC
-0 to +70˚C
2.5V - 4.0V, CSH=4.0V - 6.0V
COP884CG
4k ROM
128
24
28 DIP/SOIC
-40 to +85˚C
2.5V - 6.0V
COP888CG
4k ROM
128
34/38
40 DIP, 44 PLCC
-40 to +85˚C
2.5V - 6.0V
COP684EG
4k ROM
256
24
28 DIP, SOIC
-55 to +125˚C
4.5V - 5.5V
COP884EG
4k ROM
256
24
28 DIP, SOIC
-40 to +85˚C
COP984EG
4k ROM
256
24
28 DIP, SOIC
0 to +70˚C
2.5V - 4.0V, EGH=4.0 - 6.0V
COP688EG
8k ROM
256
36/40
40 DIP, 44 PLCC
-55 to +125˚C
4.5V - 5.5V
COP888EG
8k ROM
256
36/40
40 DIP, 44
PLCC/PQFP
-40 to +85˚C
COP988EG
8k ROM
256
36/40
40 DIP, 44 PLCC
0 to +70˚C
2.5V - 4.0V, EGH=4.0 - 6.0V
COP688GG
16k ROM
512
36/40
40 DIP, 44
PLCC/PQFP
-55 to +125˚C
4.5V - 5.5V
COP888GG
16k ROM
512
36/40
40 DIP, 44
PLCC/PQFP
-40 to +85˚C
COP688HG
20k ROM
512
36/40
40 DIP, 44 PLCC
-55 to +125˚C
4.5V - 5.5V
COP888HG
20k ROM
512
36/40
40 DIP, 44 PLCC
-40 to +85˚C
COP688KG
24k ROM
512
36/40
40 DIP, 44 PLCC
-55 to +125˚C
4.5V - 5.5V
COP888KG
24k ROM
512
36/40
40 DIP, 44 PLCC
-40 to +85˚C
Key Features
n Full duplex USART
n Three 16-bit timers, each with two 16-bit registers
supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n Quiet design (low radiated emissions)
n 4 to 24 kbytes on-board ROM
n 128 to 512 bytes on-board RAM
COP8™, MICROWIRE/PLUS™, and WATCHDOG™ are trademarks of National Semiconductor Corporation.
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
July 1999
© 1999 National Semiconductor Corporation
DS012829
www.national.com


Similar Part No. - COP684CS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP684CS TI1-COP684CS Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP684CS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com