Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684CS Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684CS
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684CS Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP684CS Datasheet HTML 1Page - National Semiconductor (TI) COP684CS Datasheet HTML 2Page - National Semiconductor (TI) COP684CS Datasheet HTML 3Page - National Semiconductor (TI) COP684CS Datasheet HTML 4Page - National Semiconductor (TI) COP684CS Datasheet HTML 5Page - National Semiconductor (TI) COP684CS Datasheet HTML 6Page - National Semiconductor (TI) COP684CS Datasheet HTML 7Page - National Semiconductor (TI) COP684CS Datasheet HTML 8Page - National Semiconductor (TI) COP684CS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
Key Features (Continued)
Additional Peripheral Features
n Idle Timer
n Multi-Input Wake-Up (MIWU) with optional interrupts (8)
n Two analog comparators (one for the CS series)
n WATCHDOG and Clock Monitor logic
n MICROWIRE/PLUS serial I/O
I/O Features
n Memory mapped I/O
n Software selectable I/O options (TRI-STATE® Output,
Push-Pull Output, Weak Pull-Up Input, High Impedance
Input)
n Up to 8 high current outputs
n Schmitt trigger inputs on ports G and L
n Packages:
— 44 PQFP with 40 I/O pins
— 44 PLCC with 40 I/O pins
— 40 DIP with 36 I/O pins
— 28 DIP/SOIC with 24 I/O pins
CPU/Instruction Set Features
n 1 µs instruction cycle time
n Versatile and easy to use instruction set
n Up to fourteen multi-source vectored interrupts servicing
— External Interrupt with selectable edge
— Idle Timer T0
— Three Timers (one timer for the CS series)(each with
2 interrupts)
— MICROWIRE/PLUS
— Multi-Input Wake-Up
— Software Trap
— USART (2)
— Default VIS (default interrupt)
n 8-bit Stack Pointer SP — (stack in RAM)
n Two 8-bit Register Indirect Data Memory Pointers
(B and X)
Fully Static CMOS
n Two power saving modes: HALT and IDLE
n Low current drain (typically <1 µA)
n Single supply operation: 2.5V–5.5V (COP88x)
n Temperature ranges:
0˚C to +70˚C, −40˚C to +85˚C, and −55˚C to +125˚C
Development Support
n Emulation and OTP devices
n Real time emulation and full program debug offered by
MetaLink’s Development System
Block Diagram
DS012829-1
FIGURE 1. COP888xG Block Diagram
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com