Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684CS Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684CS
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684CS Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button COP684CS Datasheet HTML 6Page - National Semiconductor (TI) COP684CS Datasheet HTML 7Page - National Semiconductor (TI) COP684CS Datasheet HTML 8Page - National Semiconductor (TI) COP684CS Datasheet HTML 9Page - National Semiconductor (TI) COP684CS Datasheet HTML 10Page - National Semiconductor (TI) COP684CS Datasheet HTML 11Page - National Semiconductor (TI) COP684CS Datasheet HTML 12Page - National Semiconductor (TI) COP684CS Datasheet HTML 13Page - National Semiconductor (TI) COP684CS Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
DC Electrical Characteristics 888GG, 888HG, and 888KG: (Continued)
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
without Latchup (Notes 9, 10)
Room Temperature
±100
mA
RAM Retention Voltage, V
r
500 ns Rise and Fall Time (min)
2
V
Input Capacitance
7pF
Load Capacitance on D2
(Note 10)
1000
pF
AC Electrical Characteristics 888GG, 888HG, and 888KG:
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
(88xCG & 88xEG only)
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
c)
Crystal, Resonator
2.5V
≤ V
CC < 4V
1.0
DC
µs
4V
≤ V
CC ≤ 5.5V
2.5
DC
µs
R/C Oscillator
2.5V
≤ V
CC < 4V
3.0
DC
µs
4V
≤ V
CC ≤ 5.5V
7.5
DC
µs
Inputs
t
SETUP
4V
≤ V
CC ≤ 5.5V
200
ns
2.5V
≤ V
CC < 4V
500
ns
t
HOLD
4V
≤ V
CC ≤ 5.5V
60
ns
2.5V
≤ V
CC < 4V
150
ns
Output Propagation Delay
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4V
≤ V
CC ≤ 5.5V
0.7
µs
2.5V
≤ V
CC < 4V
1.75
µs
All Others
4V
≤ V
CC ≤ 5.5V
1
µs
2.5V
≤ V
CC < 4V
2.5
µs
MICROWIRE Setup Time (t
UWS) (Note 10)
V
CC ≥ 4V
20
ns
MICROWIRE Hold Time (t
UWH) (Note 10)
V
CC ≥ 4V
56
ns
MICROWIRE Output Propagation Delay (t
UPD)VCC ≥ 4V
220
ns
Input Pulse Width (Note 11)
Interrupt Input High Time
1
t
c
Interrupt Input Low Time
1
t
c
Timer 1, 2, 3 Input High Time
1
t
c
Timer 1, 2, 3 Input Low Time
1
t
c
Reset Pulse Width
1
µs
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com