Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3206EUF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3206EUF
Description  I2C Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3206EUF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3206EUF Datasheet HTML 8Page - Linear Technology LTC3206EUF Datasheet HTML 9Page - Linear Technology LTC3206EUF Datasheet HTML 10Page - Linear Technology LTC3206EUF Datasheet HTML 11Page - Linear Technology LTC3206EUF Datasheet HTML 12Page - Linear Technology LTC3206EUF Datasheet HTML 13Page - Linear Technology LTC3206EUF Datasheet HTML 14Page - Linear Technology LTC3206EUF Datasheet HTML 15Page - Linear Technology LTC3206EUF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3206
13
3206f
APPLICATIO S I FOR ATIO
Table 4 shows a list of ceramic capacitor manufacturers
and how to contact them:
Table 4. Recommended Capacitor Vendors
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Vishay
www.vishay.com
For very light load applications, the flying capacitors
may be reduced to save space or cost. The theoretical
minimum output resistance of a 1.5x fractional charge
pump is given by:
R
VV
If
C
OL MIN
IN
OUT
OUT
OSC FLY
()
.–
≡
=
15
1
2
where fOSC is the switching frequency (960kHz typ) and
CFLY is the value of the flying capacitors. Note that the
charge pump will typically be weaker than the theoretical
limit due to additional switch resistance, however for very
light load applications, the above expression can be used
as a guideline in determining a starting capacitor value.
Layout Considerations and Noise
Due to its high switching frequency and the transient
currents produced by the LTC3206, careful board layout is
necessary. A true ground plane and short connections to
all capacitors will improve performance and ensure proper
regulation under all conditions. Figure 7 shows the recom-
mended layout configuration.
The flying capacitor pins C1+, C2+, C1– and C2– will have
very high edge rate waveforms. The large dv/dt on these pins
can couple energy capacitively to adjacent printed circuit
board runs. Magnetic fields can also be generated if the
flying capacitors are not close to the LTC3206 (i.e., the loop
area is large). To decouple capacitive energy transfer, a
Faraday shield may be used. This is a grounded PC trace
between the sensitive node and the LTC3206 pins. For a high
quality AC ground, it should be returned to a solid ground
plane that extends all the way to the LTC3206.
Figure 7. Optimum Single Layer PCB Layout
GND
VIN
CPO
3206 F07
PIN 1
Power Efficiency
To calculate the power efficiency (η) of a white LED driver
chip, the LED power should be compared to the input
power. The difference between these two number repre-
sents lost power whether it is in the charge pump or the
current sources. Stated mathematically, the power effi-
ciency is given by:
η≡
P
P
LED
IN
The efficiency of the LTC3206 depends upon the mode in
which it is operating. Recall that the LTC3206 operates as
a pass switch, connecting VIN to CPO until one of the LEDs
drops out. This feature provides the optimum efficiency
available for a given input voltage and LED forward volt-
age. When it is operating as a switch, the efficiency is
approximated by:
η≡
=
≅
P
P
VI
VI
V
V
LED
IN
LED
LED
IN
IN
LED
IN
•
•
since the input current will be very close to the LED
current.
At moderate to high output power, the quiescent current
of the LTC3206 is negligible and the expression above is
valid. For example, with VIN = 3.9V, IOUT = 20mA • 6 LEDs
and VLED equal to 3.6V, the measured efficiency is 92.2%,
which is very close to the theoretical 92.3% calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com