Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3206EUF Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3206EUF
Description  I2C Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3206EUF Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3206EUF Datasheet HTML 8Page - Linear Technology LTC3206EUF Datasheet HTML 9Page - Linear Technology LTC3206EUF Datasheet HTML 10Page - Linear Technology LTC3206EUF Datasheet HTML 11Page - Linear Technology LTC3206EUF Datasheet HTML 12Page - Linear Technology LTC3206EUF Datasheet HTML 13Page - Linear Technology LTC3206EUF Datasheet HTML 14Page - Linear Technology LTC3206EUF Datasheet HTML 15Page - Linear Technology LTC3206EUF Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3206
16
3206f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0604 1K • PRINTED IN USA
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1618
Constant Current, Constant Voltage, 1.4MHz
Up to 16 White LEDs, VIN: 1.6V to 18V, VOUT(MAX) = 34V, IQ = 1.8mA,
High Efficiency Boost Regulator
ISD ≤1µA, 10-Lead MS Package
LTC1911-1.5
250mA (IOUT), 1.5MHz High Efficiency
75% Efficiency, VIN: 2.7V to 5.5V, VOUT(MIN) = 1.5V/1.8V, IQ = 180µA,
Step-Down Charge Pump
ISD ≤10µA, MS8 Package
LT1932
Constant Current, 1.2MHz High Efficiency White
Up to 8 White LEDs, VIN: 1V to 10V, VOUT(MAX) = 34V, IQ = 1.2mA, IS ≤1µA,
LED Boost Regulator
ThinSOT
TM Package
LT1937
Constant Current, 1.2MHz High Efficiency White
Up to 4 White LEDs, VIN: 2.5V to 10V, VOUT(MAX) = 34V, IQ = 1.9mA,
LED Boost Regulator
ISD ≤1µA, ThinSOT, SC70 Packages
LTC3200-5
Low Noise, 2MHz Regulated Charge Pump
Up to 6 White LEDs, VIN: 2.7V to 4.5V, VOUT(MAX) = 5V, IQ = 8mA, ISD ≤1µA,
White LED Driver
ThinSOT Package
LTC3201
Low Noise, 1.7MHz Regulated Charge Pump
Up to 6 White LEDs, VIN: 2.7V to 4.5V, VOUT(MAX) = 5V, IQ = 6.5mA, ISD ≤1µA,
White LED Driver
10-Lead MS
LTC3202
Low Noise, 1.5MHz Regulated Charge Pump
Up to 8 White LEDs, VIN: 2.7V to 4.5V, VOUT(MAX) = 5V, IQ = 5mA, ISD ≤1µA,
White LED Driver
10-Lead MS Package
LTC3205
Multi-Display LED Controller
92% Efficiency, VIN: 2.8V to 4.5V, IQ = 50µA, ISD ≤ 1µA ,
4mm × 4mm QFN Package
LTC3251
500mA (IOUT), 1MHz to 1.6MHz Spread Spectrum 85% Efficiency, VIN: 3.1V to 5.5V, VOUT: 0.9V to 1.6V, IQ = 9µA,
Step-Down Charge Pump
ISD ≤1µA, 10-Lead MS Package
LTC3405/LTC3405A
300mA (IOUT), 1.5MHz Synchronous Step-Down
95% Efficiency, VIN: 2.7V to 6V, VOUT(MIN) = 0.8V, IQ = 20µA, ISD ≤1µA,
DC/DC Converter
ThinSOT Package
LTC3406/LTC3406B
600mA (IOUT), 1.5MHz Synchronous Step-Down
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 0.6V, IQ = 20µA, ISD ≤1µA,
DC/DC Converter
ThinSOT Package
LTC3440
600mA (IOUT), 2MHz Synchronous Buck-Boost
95% Efficiency, VIN: 2.5V to 5.5V, VOUT(MIN) = 2.5V, IQ = 25µA, ISD ≤1µA,
DC/DC Converter
10-Lead MS Package
LT3465/LT3465A
1.2MHz/2.7MHz with Internal Schottky
Up to 6 White LEDs, VIN: 12.7V to 16V, VOUT(MAX) = 34V, IQ = 1.9mA,
ISD <1µA, ThinSOT Package
ThinSOT is a trademark of Linear Technology Corporation.
VIN
2.2µF
2.2µF
3206 TA03
2.2µF
2.2µF
VIN
2.7V TO
4.5V
4
MAIN DISPLAY
HIGH CURRENT
CAMERA LED
IRGB
IMS
I2C SERIAL
INTERFACE
2
3
3
LTC3206
SERIAL PORT
MAIN1-4
AUX 2
AUX 1
SUB1-2
RGB
CPO
FLASH
ENRGB/S
TORCH MODE
FLASH MODE
2.4k
12k
5-LED Main Plus Low/High Current Camera Light



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com