Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3206EUF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3206EUF
Description  I2C Multidisplay LED Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3206EUF Datasheet(HTML) 3 Page - Linear Technology

  LTC3206EUF Datasheet HTML 1Page - Linear Technology LTC3206EUF Datasheet HTML 2Page - Linear Technology LTC3206EUF Datasheet HTML 3Page - Linear Technology LTC3206EUF Datasheet HTML 4Page - Linear Technology LTC3206EUF Datasheet HTML 5Page - Linear Technology LTC3206EUF Datasheet HTML 6Page - Linear Technology LTC3206EUF Datasheet HTML 7Page - Linear Technology LTC3206EUF Datasheet HTML 8Page - Linear Technology LTC3206EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3206
3
3206f
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, DVCC = 3V unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3206E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: 1.5x mode output impedance is defined as (1.5VIN – VCPO)/IOUT.
Note 4: Based on long term current density limitations.
Note 5: All values are referenced to VIH and VIL levels.
TYPICAL PERFOR A CE CHARACTERISTICS
LED Pin Dropout Voltage
vs LED Pin Current
LED Pin Sink Current
vs LED Pin Voltage
ILED
2.5mA/DIV
CPO
AC COUPLED
(50mV/DIV)
VIN
AC COUPLED
(50mV/DIV)
Input and Output
Charge Pump Noise
200mV/DIV
3206 G01
ICPO = 200mA
500ns/DIV
3206 G02
VIN = 3.6V
CIN = CCPO = 1.6µF
0mA
LED CURRENT (mA)
100
0
100
300
400
500
20
40
50
90
3206 GO3
200
10
30
60
70
80
VIN = 3.6V
TA = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CPO Regulation Voltage
ICPO = 20mA, 1.5x Mode
4.75
V
CLK Frequency
0.68
0.96
1.36
MHz
SDA, SCL, ENRGB/S
VIL
Low Level Input Voltage
●
0.3 • DVCC
V
VIH
High Level Input Voltage
● 0.7 • DVCC
V
IIH
Input Current
SDA, SCL, ENRGB/S = DVCC
–1
1
µA
IIL
Input Current
SDA, SCL, ENRGB/S = 0V
–1
1
µA
VOL
Digital Output Low (SDA)
IPULLUP = 3mA
●
0.4
V
Timing Characteristics (Note 5)
tSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start Condition
1.3
µs
tHD, STA
Hold Time After (Repeated) Start Condition
0.6
µs
tSU, STA
Repeated Start Condition Setup Time
0.6
µs
tSU, STD
Stop Condition Setup Time
0.6
µs
tHD, DAT(OUT)
Data Hold Time
225
900
ns
tHD, DAT(IN)
Input Data Hold Time
0
900
ns
tSU, DAT
Data Setup Time
100
ns
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs
tf
Clock Data Fall Time
20
300
ns
tr
Clock Data RiseTime
20
300
ns
tSP
Spike Suppression Time
50
ns
VLED AT CURRENT SOURCE PIN
25%
50%
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com