Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M655 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M655
Description  Voltage Controlled SAW Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M655 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M655 Datasheet HTML 1Page - Integrated Circuit Systems M655 Datasheet HTML 2Page - Integrated Circuit Systems M655 Datasheet HTML 3Page - Integrated Circuit Systems M655 Datasheet HTML 4Page - Integrated Circuit Systems M655 Datasheet HTML 5Page - Integrated Circuit Systems M655 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M655 Series
Performance Specifications
Integrated Circuit Systems
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
3
-15
-10
-5
0
5
10
3.15
3.2
3.25
3.3
3.35
3.4
3.45
Vcc (V)
PPM Deviation
Jitter
Output
622310000
622280000
622250000
622220000
622190000
622160000
622130000
622100000
622070000
622040000
622010000
621980000
0.2
0.4
0.6
08
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Typical linearity of a M655 operating at 622.08 MHz
over the input range of .3 to 3.0 volts
Typical Linearity
SPECIFICATIONS
Typical Frequency Pushing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com