Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M655 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M655
Description  Voltage Controlled SAW Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M655 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M655 Datasheet HTML 1Page - Integrated Circuit Systems M655 Datasheet HTML 2Page - Integrated Circuit Systems M655 Datasheet HTML 3Page - Integrated Circuit Systems M655 Datasheet HTML 4Page - Integrated Circuit Systems M655 Datasheet HTML 5Page - Integrated Circuit Systems M655 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M655 Series
Performance Specifications
Integrated Circuit Systems
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
1
The M655 Series of Voltage Controlled SAW
Oscillators is a low cost solution for many Telecom
applications. An internal SAW filter provides jitter
performance of less than 0.5psec (rms).
This device is specified for an operating
temperature range of -40°C to +85°C. A disable
feature forces the output into a static condition by
applying a logic “0” to the clock enable input. The
oscillator is housed in a hermetically-sealed,
leadless surface mount package.
The M655 Series of VCOs is available over an
output frequency range of 155MHz to 900MHz.
The device is most suited for phase-locked loop
applications as well as clock and data recovery
circuits.
Clock Smoothing for OC192/OC48/
OC12/OC3
Clock Smoothing for STS96/STS48/
STS12/STS3/STS1
Frequency Translation
Clock and Data Retiming
ISO 9001
Registered
ISO 9001
Registered
M655 Series
Voltage Controlled SAW Oscillators
Output Frequencies at 155MHz to
900MHz
Low Phase Jitter, 0.5psec (rms) typical
3.3 Volt Supply Operation
Complementary Outputs
Output Disable Feature
LCC Surface Mount Package
(9 x 14mm)
APPLICATION
FEATURES
DESCRIPTION
Operating Temp. Range (Case): ........................ -40°C to +85°C
Storage Temp. Range (Ambient): .................... -55°C to +125°C
Control Voltage Range: ................................................. 0 to VCC
Output Current: ................................................................ 20 mA
Power Supply Voltage (Vcc): ................................ 0 to +3.6 Vdc
ABSOLUTE MAX RATINGS
9mm
14mm


Similar Part No. - M655

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M655 MITSUBISHI-M655 Datasheet
1Mb / 7P
TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Vectron International, ...
M655 VECTRON-M655 Datasheet
133Kb / 4P
Typical Applications
logo
OKI electronic componet...
M655 OKI-M655 Datasheet
344Kb / 25P
Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
TRIPLE 10-BIT VIDEO D-A CONVERTER
More results

Similar Description - M655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
VOLTAGE-CONTROLLED OSCILLATORS
logo
Integrated Circuit Syst...
M650 ICST-M650 Datasheet
647Kb / 6P
Voltage Controlled SAW Oscillators
logo
SYNERGY MICROWAVE CORPO...
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
VOLTAGE-CONTROLLED OSCILLATORS
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com