Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M655 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M655
Description  Voltage Controlled SAW Oscillators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M655 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M655 Datasheet HTML 1Page - Integrated Circuit Systems M655 Datasheet HTML 2Page - Integrated Circuit Systems M655 Datasheet HTML 3Page - Integrated Circuit Systems M655 Datasheet HTML 4Page - Integrated Circuit Systems M655 Datasheet HTML 5Page - Integrated Circuit Systems M655 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M655 Series
Performance Specifications
Integrated Circuit Systems
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
5
M655
155.520MHz
155.52MHz
155.52MHz
Φ and Frequency
Detector
Loop
Filter
APPLICATIONS
Jitter Attenuator
Frequency Translator
Multi-rate FEC Clock Generator
M655
666.514MHz
M655
622.080MHz
M655
669.13MHz
Programmable
Divider
Fin
Fout
Φ and Frequency
Detector
Loop
Filter
MUX
M655
622.080MHz
Divide by 32
19.44MHz
622.080MHz
Φ and Frequency
Detector
Loop
Filter



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com