Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2000 Datasheet(PDF) 2 Page - LEM

Part # RT2000
Description  Split core type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

RT2000 Datasheet(HTML) 2 Page - LEM

  RT2000 Datasheet HTML 1Page - LEM RT2000 Datasheet HTML 2Page - LEM RT2000 Datasheet HTML 3Page - LEM RT2000 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2/4
11December2013/version 3 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
UL 61010-1: Ratings and assumptions of certification
File # E330077-A2-UL
Standards
● CAN/CSA-C22.2 No. 61010-1, 2nd Edition, 2004-07 (Electrical Equipment for Measurement, Control, and laboratory
Use; Part 1: General Requirements)
● UL 61010-1, 2nd Edition, 2005-07-22 (Electrical Equipment for Measurement, Control, and laboratory
Use; Part 1: General Requirements)
Ratings
Parameter
Symbol
Unit
Value
Primary involved potential
V AC/DC
300
Max surrounding air temperature
T
A
°C
50
Primary current
I
P
A
According to series primary
current
Output voltage
V
out
V AC
0 to 30
Conditions of acceptability
For use only in or with complete equipment where the acceptability of the combination is determined by Underwriters
Laboratories Inc. When installed in an end-product, consideration must be given to the following:
1 - This component has been judged on the basis of the creepage and clearances required in the indicated Standards, which
would cover the component itself if submitted for Listing: UL 61010-1 2nd Ed., CAN/CSA 22.2 No 61010-1 2nd Ed.
2 - The need for the following shall be considered in the end-product: Markings and documentation that comply with Clause 5.
3 - The following tests shall be performed in the end-product evaluation: Dielectric Strength.
4 - The unit is considered acceptable for use in a max ambient of: 50 °C.
Marking
Only those products bearing the UR Mark should be considered to be Recognized and covered under UL's Follow-Up Service.
Always look for the Mark on the product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com