Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2000 Datasheet(PDF) 3 Page - LEM

Part # RT2000
Description  Split core type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

RT2000 Datasheet(HTML) 3 Page - LEM

  RT2000 Datasheet HTML 1Page - LEM RT2000 Datasheet HTML 2Page - LEM RT2000 Datasheet HTML 3Page - LEM RT2000 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3/4
11December2013/version 3 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
RT 2000
Insulation coordination
U
b
Rated insulation rms voltage 1)
300
V
with IEC 61010-1 standards following conditions:
- Reinforced insulation
- Over voltage category CAT III
- Pollution degree PD2
- Heterogeneous field
U
d
Rms voltage for AC insulation test 2), 50 Hz, 1 min
3.5
kV
Û
W
Impulse withstand voltage 1.2/50 µs
6.5
kV
Min
d
Cp
Creepage distance
6
mm
d
CI
Clearance
6
mm
CTI
Comparative Tracking Index (group I) 3)
600
V
Notes: 1) Between primary conductor and ground. If insulated cable is used for the
primary circuit, the voltage category could be improved according to the
primary cable insulation category
(please refer to the cable manufacturer’s indications).
2)
Between primary (completely filling the hole) and secondary
3)
Plastic parts.
Safety and warning notes
In order to guarantee safe operation of the transducer and to be able to make
proper use of all features and functions, please read these instructions thoroughly!
Safe operation can only be guaranteed if the transducer is used for the purpose
it has been designed for and within the limits of the technical specifications.
Ensure you get up-to-date technical information that can be found in the latest
associated datasheet under www.lem.com.
Caution! Risk of danger
Ignoring the warnings can lead to serious injury and/or cause damage!
The electric measuring transducer may only be installed and put into
operation by qualified personnel that have received an appropriate training.
The corresponding national regulations shall be observed during
installation and operation of the transducer and any electrical conductor.
The transducer shall be used in electric/electronic equipment with respect
to applicable standards and safety requirements and in accordance with all
the related systems and components manufacturers’ operating instructions.
Caution! Risk of electrical shock
When operating the transducer, certain parts of the module may carry
hazardous live voltage (e.g. primary conductor). The user shall ensure
to take all measures necessary to protect against electrical shock. The
transducer is a build-in device containing conducting parts that shall not be
accessible after installation. A protective enclosure or additional insulation
barrier may be necessary. Installation and maintenance shall be done with
the main power supply disconnected except if there are no hazardous live
parts in or in close proximity to the system and if the applicable national
regulations are fully observed.
Safe and trouble-free operation of this transducer can only be guaranteed if transport,
storage and installation are carried out correctly and operation and maintenance are
carried out with care.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com