Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT2000 Datasheet(PDF) 4 Page - LEM

Part # RT2000
Description  Split core type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

RT2000 Datasheet(HTML) 4 Page - LEM

  RT2000 Datasheet HTML 1Page - LEM RT2000 Datasheet HTML 2Page - LEM RT2000 Datasheet HTML 3Page - LEM RT2000 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4/4
11December2013/version 3 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Dimensions RT 2000 (in mm)
Mechanical characteristics
● General tolerance
± 1 mm
● Output cable length
1500 mm
WARNING!
Do not stress the coil by applying any kind of
mechanical force (ie. twisting, puncturing, excessive
pressure, tight bending, etc.) which will dramatically
degrade the device’s accuracy.
Connection
Remarks
● V
out= VS+- VS- is positive when dIP/dt flows in the direction
of the arrow (see fig. 1)
● Due to low positioning error (ε
P), the device does not
need to be physically fastened around the primary
conductor. Should the device be secured, make sure no
mechanical stress is applied to the coil itself.
Fig. 1
Ip
I
P
V
S+
V
S-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com