Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8FGR7 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FGR7
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FGR7 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button COP8FGR7 Datasheet HTML 39Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 40Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 41Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 42Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 43Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 44Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 45Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 46Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
13.0 Memory Map
All RAM, ports and registers (except A and PC) are mapped into data memory address space.
Address
Contents
S/ADD REG
0000 to 006F
On-Chip RAM bytes (112 bytes)
0070 to 007F
Unused RAM Address Space (Reads As
All Ones)
xx80 to xx93
Unused RAM Address Space (Reads
Undefined Data)
xx94
Port F data register, PORTFD
xx95
Port F configuration register, PORTFC
xx96
Port F input pins (read only), PORTFP
xx97 to xxAF
Unused address space (Reads
Undefined Data)
xxB0
Timer T3 Lower Byte
xxB1
Timer T3 Upper Byte
xxB2
Timer T3 Autoload Register T3RA Lower
Byte
xxB3
Timer T3 Autoload Register T3RA Upper
Byte
xxB4
Timer T3 Autoload Register T3RB Lower
Byte
xxB5
Timer T3 Autoload Register T3RB Upper
Byte
xxB6
Timer T3 Control Register
xxB7
Comparator Select Register
(Reg:CMPSL)
xxB8
UART Transmit Buffer (Reg:TBUF)
xxB9
UART Receive Buffer (Reg:RBUF)
xxBA
UART Control and Status Register
(Reg:ENU)
xxBB
UART Receive Control and Status
Register (Reg:ENUR)
xxBC
UART Interrupt and Clock Source
Register (Reg:ENUI)
xxBD
UART Baud Register (Reg:BAUD)
xxBE
UART Prescale Select Register
(Reg:PSR)
xxBF
Reserved for UART
xxC0
Timer T2 Lower Byte
xxC1
Timer T2 Upper Byte
xxC2
Timer T2 Autoload Register T2RA Lower
Byte
xxC3
Timer T2 Autoload Register T2RA Upper
Byte
xxC4
Timer T2 Autoload Register T2RB Lower
Byte
xxC5
Timer T2 Autoload Register T2RB Upper
Byte
xxC6
Timer T2 Control Register
xxC7
WATCHDOG Service Register
(Reg:WDSVR)
xxC8
MIWU Edge Select Register
(Reg:WKEDG)
Address
Contents
S/ADD REG
xxC9
MIWU Enable Register (Reg:WKEN)
xxCA
MIWU Pending Register (Reg:WKPND)
xxCB to xxCF
Reserved
xxD0
Port L Data Register
xxD1
Port L Configuration Register
xxD2
Port L Input Pins (Read Only)
xxD3
Reserved for Port L
xxD4
Port G Data Register
xxD5
Port G Configuration Register
xxD6
Port G Input Pins (Read Only)
xxD7
Port I Input Pins (Read Only) (Actually
reads Port F input pins)
xxD8
Port C Data Register
xxD9
Port C Configuration Register
xxDA
Port C Input Pins (Read Only)
xxDB
Reserved for Port C
xxDC
Port D
xxDD to xxDF
Reserved for Port D
xxE0 to xxE5
Reserved for EE Control Registers
xxE6
Timer T1 Autoload Register T1RB Lower
Byte
xxE7
Timer T1 Autoload Register T1RB Upper
Byte
xxE8
ICNTRL Register
xxE9
MICROWIRE/PLUS Shift Register
xxEA
Timer T1 Lower Byte
xxEB
Timer T1 Upper Byte
xxEC
Timer T1 Autoload Register T1RA Lower
Byte
xxED
Timer T1 Autoload Register T1RA Upper
Byte
xxEE
CNTRL Control Register
xxEF
PSW Register
xxF0 to FB
On-Chip RAM Mapped as Registers
xxFC
X Register
xxFD
SP Register
xxFE
B Register
xxFF
S Register
0100–017F
On-Chip 128 RAM Bytes
0200–027F
On-Chip 128 RAM Bytes (Reads as
undefined data on COP8FGE)
0300–037F
On-Chip 128 RAM Bytes (Reads as
undefined data on COP8FGE)
Note: Reading memory locations 0070H–007FH (Segment 0) will return all
ones. Reading unused memory locations 0080H–0093H (Segment 0)
will return undefined data. Reading memory locations from other Seg-
ments (i.e., Segment 4, Segment 5, … etc.) will return undefined data.
www.national.com
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com