Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8FGR7 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FGR7
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FGR7 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button COP8FGR7 Datasheet HTML 47Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 48Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 49Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 50Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 51Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 52Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 53Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 54Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
15.0 Mask Options
See Section 5.5 ECON (CONFIGURATION) REGISTER.
16.0 Development Support
16.1 OVERVIEW
National is engaged with an international community of inde-
pendent 3rd party vendors who provide hardware and soft-
ware development tool support. Through National’s interac-
tion and guidance, these tools cooperate to form a choice of
tools that fits each developer’s needs.
This section provides a summary of the tool and develop-
ment kits currently available. Up-to-date information, selec-
tion guides, free tools, demos, updates, and purchase infor-
mation
can
be
obtained
at
our
web
site
at:
www.national.com/cop8.
16.2 SUMMARY OF TOOLS
COP8 Evaluation Tools
•
COP8–NSEVAL: Free Software Evaluation package for
Windows. A fully integrated evaluation environment for
COP8, including versions of WCOP8 IDE (Integrated De-
velopment Environment), COP8-NSASM, COP8-MLSIM,
COP8C, DriveWay™ COP8, Manuals, and other COP8
information.
•
COP8–MLSIM: Free Instruction Level Simulator tool for
Windows. For testing and debugging software instruc-
tions only (No I/O or interrupt support).
•
COP8–EPU: Very Low cost COP8 Evaluation & Pro-
gramming
Unit.
Windows
based
evaluation
and
hardware-simulation tool, with COP8 device programmer
and erasable samples. Includes COP8-NSDEV, Drive-
way COP8 Demo, MetaLink Debugger, I/O cables and
power supply.
•
COP8–EVAL-ICUxx: Very Low cost evaluation and de-
sign test board for COP8ACC and COP8SGx Families,
from ICU. Real-time environment with add-on A/D, D/A,
and EEPROM. Includes software routines and reference
designs.
•
Manuals, Applications Notes, Literature: Available free
from our web site at: www.national.com/cop8.
COP8 Integrated Software/Hardware Design Develop-
ment Kits
•
COP8-EPU: Very Low cost Evaluation & Programming
Unit. Windows based development and hardware-
simulation tool for COPSx/xG families, with COP8 device
programmer and samples. Includes COP8-NSDEV,
Driveway COP8 Demo, MetaLink Debugger, cables and
power supply.
•
COP8-DM: Moderate cost Debug Module from MetaLink.
A Windows based, real-time in-circuit emulation tool with
COP8 device programmer. Includes COP8-NSDEV,
DriveWay COP8 Demo, MetaLink Debugger, power sup-
ply, emulation cables and adapters.
COP8 Development Languages and Environments
•
COP8-NSASM: Free COP8 Assembler v5 for Win32.
Macro assembler, linker, and librarian for COP8 software
development. Supports all COP8 devices. (DOS/Win16
v4.10.2 available with limited support). (Compatible with
WCOP8 IDE, COP8C, and DriveWay COP8).
•
COP8-NSDEV: Very low cost Software Development
Package for Windows. An integrated development envi-
ronment for COP8, including WCOP8 IDE, COP8-
NSASM, COP8-MLSIM.
•
COP8C: Moderately priced C Cross-Compiler and Code
Development System from Byte Craft (no code limit). In-
cludes BCLIDE (Byte Craft Limited Integrated Develop-
ment Environment) for Win32, editor, optimizing C Cross-
Compiler, macro cross assembler, BC-Linker, and
MetaLink tools support. (DOS/SUN versions available;
Compiler is installable under WCOP8 IDE; Compatible
with DriveWay COP8).
•
EWCOP8-KS: Very Low cost ANSI C-Compiler and Em-
bedded
Workbench
from
IAR
(Kickstart
version:
COP8Sx/Fx only with 2k code limit; No FP). A fully inte-
grated Win32 IDE, ANSI C-Compiler, macro assembler,
editor, linker, Liberian, C-Spy simulator/debugger, PLUS
MetaLink EPU/DM emulator support.
•
EWCOP8-AS: Moderately priced COP8 Assembler and
Embedded Workbench from IAR (no code limit). A fully in-
tegrated Win32 IDE, macro assembler, editor, linker, li-
brarian, and C-Spy high-level simulator/debugger with
I/O and interrupts support. (Upgradeable with optional
C-Compiler and/or MetaLink Debugger/Emulator sup-
port).
•
EWCOP8-BL: Moderately priced ANSI C-Compiler and
Embedded Workbench from IAR (Baseline version: All
COP8 devices; 4k code limit; no FP). A fully integrated
Win32 IDE, ANSI C-Compiler, macro assembler, editor,
linker, librarian, and C-Spy high-level simulator/debugger.
(Upgradeable; CWCOP8-M MetaLink tools interface sup-
port optional).
•
EWCOP8: Full featured ANSI C-Compiler and Embed-
ded Workbench for Windows from IAR (no code limit). A
fully integrated Win32 IDE, ANSI C-Compiler, macro as-
sembler, editor, linker, librarian, and C-Spy high-level
simulator/debugger. (CWCOP8-M MetaLink tools inter-
face support optional).
•
EWCOP8-M: Full featured ANSI C-Compiler and Embed-
ded Workbench for Windows from IAR (no code limit). A
fully integrated Win32 IDE, ANSI C-Compiler, macro as-
sembler,
editor,
linker,
librarian,
C-Spy
high-level
simulator/debugger, PLUS MetaLink debugger/hardware
interface (CWCOP8-M).
COP8 Productivity Enhancement Tools
•
WCOP8 IDE: Very Low cost IDE (Integrated Develop-
ment Environment) from KKD. Supports COP8C, COP8-
NSASM, COP8-MLSIM, DriveWay COP8, and MetaLink
debugger under a common Windows Project Manage-
ment environment. Code development, debug, and emu-
lation tools can be launched from the project window
framework.
•
DriveWay-COP8: Low cost COP8 Peripherals Code
Generation tool from Aisys Corporation. Automatically
generates tested and documented C or Assembly source
code modules containing I/O drivers and interrupt han-
dlers for each on-chip peripheral. Application specific
code can be inserted for customization using the inte-
grated editor. (Compatible with COP8-NSASM, COP8C,
and WCOP8 IDE.)
•
COP8-UTILS: Free set of COP8 assembly code ex-
amples, device drivers, and utilities to speed up code de-
velopment.
www.national.com
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com