Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8FGR7 Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8FGR7
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8FGR7 Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button COP8FGR7 Datasheet HTML 48Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 49Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 50Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 51Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 52Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 53Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 54Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 55Page - National Semiconductor (TI) COP8FGR7 Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
16.0 Development Support (Continued)
•
COP8-MLSIM: Free Instruction Level Simulator tool for
Windows. For testing and debugging software instruc-
tions only (No I/O or interrupt support).
COP8 Real-Time Emulation Tools
•
COP8-DM: MetaLink Debug Module. A moderately
priced real-time in-circuit emulation tool, with COP8 de-
vice programmer. Includes MetaLink Debugger, power
supply, emulation cables and adapters.
•
IM-COP8: MetaLink iceMASTER®. A full featured, real-
time in-circuit emulator for COP8 devices. Includes
COP8-NSDEV, Driveway COP8 Demo, MetaLink Win-
dows Debugger, and power supply. Package-specific
probes and surface mount adaptors are ordered sepa-
rately.
COP8 Device Programmer Support
•
MetaLink’s EPU and Debug Module include development
device programming capability for COP8 devices.
•
Third-party programmers and automatic handling equip-
ment cover needs from engineering prototype and pilot
production, to full production environments.
•
Factory programming available for high-volume require-
ments.
16.3 TOOLS ORDERING NUMBERS FOR THE
COP8FGx FAMILY DEVICES
The COP8FGx devices are faster speed versions of the
COP8SGx devices, and the existing SGx tools can be used
without updating or modification (just use the SGx menus).
The COP8SG-DM and IM-COP8/400 ICE can be used for
emulation with the limitation of 10 MHz emulation speed
maximum. For full speed COP8FGx emulation, use the 15
MHz COP8FG-DM.
Note: The following order numbers apply to the COP8 devices in this datasheet only.
Vendor
Tools
Order Number
Cost
Notes
National
COP8-NSEVAL
COP8-NSEVAL
Free
Web site download
COP8-NSASM
COP8-NSASM
Free
Included in EPU and DM. Web site download
COP8-MLSIM
COP8-MLSIM
Free
Included in EPU and DM. Web site download
COP8-NSDEV
COP8-NSDEV
VL
Included in EPU and DM. Order CD from website
COP8-EPU
COP8SG-EPU (-1 or -2)
VL
-1 = 110V, -2 = 220V; Included p/s, 40 pin DIP target
cable, manuals, software, 16/20/28/40 DIP OTP
programming socket; add DM target adapter or OTP
adapter (if needed)
COP8-DM
COP8SG-DM (10 MHz)
M
Included p/s, 28/40/44 pin DIP/SO/PLCC target
cables, manuals, software, 16/20/28/40 DIP/SO and
44 PLCC programming socket; add OTP adapter or
target adapter (if needed)
DM Target
Adapters
DM-COP8/20D-SO
VL
20 pin DIP to SO converter
DM-COP8/20D-16D
VL
20 pin DIP to 16 pin DIP converter
DM-COP8/20D
VL
20 pin DIP target cable
DM-COP8/28D-28CSP
L
28 pin DIP to 28 pin CSP converter
DM-COP8/44P-44Q
L
44 pin PLCC to 44 QFP converter
Development
Devices
COP8FGx7
VL
8k or 32k Eraseable or OTP devices
OTP
Programming
Adapters
COP8SA-PGMA
L
For programming 16/20/28 SOIC and 44 PLCC on the
EPU
COP8-PGMA-44QFP
L
For programming 44 QFP on any programmer
COP8-PGMA-28CSP
L
For programming 28 CSP on any programmer
COP8-PGMA-28SO
VL
For programming 16/20/28 SOIC on any programmer
IM-COP8
Call MetaLink
www.national.com
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com