Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL486 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SL486
Description  INFRA RED REMOTE CONTROL PREAMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL486 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SL486 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4
SL486
C2
6·8
µ
C1
* 68µ
C3 33n
C4
4·7n
I-R RECEIVER DIODE
C6
*
22
µ
C5
150n
C9
15n
0V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SL486
C8†
C10
*
C7
*
0·33
µ
R1
*
50
R2
*
OUTPUT
VCC
† SEE APPLICATION NOTES
* SEE OPERATING NOTES
6·8
µ
33n
4·7n
I-R RECEIVER DIODE
22
µ
150n
C9
15n
0V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SL486
OUTPUT
VCC
CAN BE OMITTED IF
ALREADY IN
APPLICATION CIRCUIT
Fig. 3 Circuit diagram of minimum component application
(low voltage operation)
Fig. 4 SL486 application diagram showing all optional
components (Note: supply decoupling and connections for
use of voltage regulator, also pulse stretch output)
Fig. 5 PCB track (actual size)and component layout for the circuit of Fig. 4, using SL486 in DP16 package
SL486
SL486
SL486
1
VCC 0V
OUTPUT
R2 OR
WIRE LINK
WIRE LINK,
REMOVED FOR
USE WITH
REGULATOR
SELECTABLE
OUTPUT VIA
WIRE LINK
C8 (OPTIONAL)
I-R RECEIVER DIODE
C2
C1
C3
C4
C5
C7
C6
C9
R1
COPPER SIDE
COMPONENT SIDE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com