Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL486 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SL486
Description  INFRA RED REMOTE CONTROL PREAMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL486 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SL486 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
5
SL486
6·8
µ
68
µ
22n
4·7n
22
µ
150n
15n
0V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SL486
0·33
µ
50
200
PPM
16V
SYSTEM
1
16V
Fig. 6 SL486 application showing the use of the on-chip regulator
Fig. 7 Microprocessor interface, using the SL486 pulse stretching facility
6·8
µ
68
µ
22n
4·7n
22
µ
150n
15n
0V
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SL486
0·33
µ
50
STRETCHED PPM
MICROPROCESSOR
1
5V
C8
*
*SEE TEXT AND
ELECTRICAL
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com