Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL486 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SL486
Description  INFRA RED REMOTE CONTROL PREAMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL486 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SL486 Datasheet HTML 1Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 2Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 3Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 4Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 5Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 6Page - List of Unclassifed Manufacturers SL486 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The SL486 is a high gain preamplifier designed to form an
interface between an infra-red receiving diode and the digital input
of remote control receiving circuits. The device contains two other
circuit elements, one to provide a stretched output pulse facility
and a voltage regulator to allow operation from a wide range of
supplies.
FEATURES
s Fast Acting AGC Improves Operation In Noisy
Environments
s Differential Inputs Reduce Noise Pick-up and Improve
Stability
s Gyrator Circuit Allows Operation in Environments with
High Brightness Background Light Levels
s Output Pulse Stretcher for use with Microprocessor
Decoders
s On-chip Regulator allows Operation from Wide Range
of Power Supplies
s Low Noise Output
3055-2.2
SL486
INFRA RED REMOTE CONTROL PREAMPLIFIER
Fig. 2 SL486 block diagram
ORDERING INFORMATION
SL486 NA DP
SL486 NA MP
DIODE CATHODE
GYRATOR C2
GYRATOR C1
INPUT VCC (VCCI)
2ND STAGE DECOUPLE
4TH STAGE DECOUPLE
OUTPUT VCC (VCCO)
AGC DECOUPLE
DIODE ANODE
1ST STAGE DECOUPLE
INPUT VEE (VEEI)
OUTPUT VEE (VEEO)
REGULATOR INPUT (VREGIN)
STRETCH OUTPUT
STRETCH INPUT
OUTPUT
SL486
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DP16
MP16
1
10V wrt VEEI
1
10V wrt VEEO
2
20V wrt VCCO
5mA
5mA
0
°C to 170°C
2
55
°C to1150°C
ABSOLUTE MAXIMUM RATINGS
Supply voltage, VCCI
Supply voltage, VCCO
Regulator input voltage, VREGIN
Output current
Stretch output current
Operating temperature range
Storage temperature
5·4k
2·4k
GYRATOR
DIFFERENTIAL
INPUT STAGE
DIODE
CATHODE
DIODE
ANODE
BUFFER
15k
AGC PEAK
DETECTOR
REGULATOR
PULSE
STRETCH
1
16
14
15
8
12
13
VEEI
1ST STAGE
DECOUPLE
AGC
DECOUPLE
VEEO
REGULATOR
INPUT
(VREGIN)
9
10
11
OUTPUT
STRETCH
INPUT
STRETCH
OUTPUT
VCCO
4TH STAGE
DECOUPLE
7
6
2ND STAGE
DECOUPLE
5
2
3
GYRATOR
C1
C2
4
VCCI
VREG*
*When regulator is used
(see Application Notes).
Fig. 1 Pin connections - top view
(Supersedes version in April 1994 Consumer IC Handbook, HB3120 - 2.0)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com