Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7377 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7377
Description  2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7377 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7377 Datasheet HTML 1Page - STMicroelectronics TDA7377 Datasheet HTML 2Page - STMicroelectronics TDA7377 Datasheet HTML 3Page - STMicroelectronics TDA7377 Datasheet HTML 4Page - STMicroelectronics TDA7377 Datasheet HTML 5Page - STMicroelectronics TDA7377 Datasheet HTML 6Page - STMicroelectronics TDA7377 Datasheet HTML 7Page - STMicroelectronics TDA7377 Datasheet HTML 8Page - STMicroelectronics TDA7377 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TDA737
7
2x 3
0W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
HIGH OUTPUT POWER CAPABILITY:
2x
35W max./4Ω
2x 3
0W/4Ω EIAJ
2x 3
0W/4Ω EIAJ
2 x 2
0W/4Ω @14.4V, 1KHz, 10%
4 x
6W/4Ω @14.4V,1KHz, 10%
4 x 1
0W/2Ω @14.4V, 1KHz, 10%
MINIMUM
EXTERNAL
COMPONENTS
COUNT:
– NO BOOTSTRAP CAPACITORS
– NO BOUCHEROT CELLS
– INTERNALLY FIXED GAIN (26dB BTL)
ST-BY FUNCTION (CMOS COMPATIBLE)
NOAUDIBLE POPDURING ST-BYOPERATIONS
DIAGNOSTICS FACILITY FOR:
– CLIPPING
– OUT TO GND SHORT
– OUT TO VS SHORT
– SOFT SHORT AT TURN-ON
– THERMAL SHUTDOWN PROXIMITY
Protections:
OUPUT AC/DC SHORT CIRCUIT
–TO GND
–TO VS
– ACROSS THE LOAD
SOFT SHORT AT TURN-ON
OVERRATING CHIP TEMPERATURE WITH
SOFT THERMAL LIMITER
LOAD DUMP VOLTAGE SURGE
VERY INDUCTIVE LOADS
FORTUITOUS OPEN GND
REVERSED BATTERY
ESD
September 1998
BLOCK DIAGRAM
MULTIWATT15V
MULTIWATT15H
ORDERING NUMBERS:
TDA737
7V
TDA737
7H
DIAGNOSTICS
1/1
0


Similar Part No. - TDA7377

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7377 UTC-TDA7377 Datasheet
311Kb / 8P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377G-J15-A-T UTC-TDA7377G-J15-A-T Datasheet
349Kb / 10P
30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377G-J15-A-T UTC-TDA7377G-J15-A-T Datasheet
379Kb / 10P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377G-J15-D-T UTC-TDA7377G-J15-D-T Datasheet
311Kb / 8P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377G-J15-D-T UTC-TDA7377G-J15-D-T Datasheet
349Kb / 10P
30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
More results

Similar Description - TDA7377

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7375 STMICROELECTRONICS-TDA7375 Datasheet
201Kb / 15P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-1998
TDA7375A STMICROELECTRONICS-TDA7375A Datasheet
192Kb / 14P
2 x 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Oct-1998
TDA7375A STMICROELECTRONICS-TDA7375A_05 Datasheet
651Kb / 15P
2 X 37W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
Mar-2005
logo
Unisonic Technologies
PA7375 UTC-PA7375 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
TDA7377 UTC-TDA7377 Datasheet
311Kb / 8P
2 x 30W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
STMicroelectronics
TDA7375AV STMICROELECTRONICS-TDA7375AV_12 Datasheet
399Kb / 20P
2 x 37 W dual/quad power amplifier for car radio
13-Feb-2012
TDA7370BV STMICROELECTRONICS-TDA7370BV Datasheet
7Mb / 17P
QUAD POWER AMPLIFIER FOR CAR RADIO
Sep-2003
E-TDA7375V STMICROELECTRONICS-E-TDA7375V Datasheet
299Kb / 15P
2 x 35W dual/quad power amplifier for car radio
logo
Unisonic Technologies
PA7375 UTC-PA7375_15 Datasheet
401Kb / 10P
2 x 35W DUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
logo
List of Unclassifed Man...
YD7377 ETC-YD7377 Datasheet
272Kb / 10P
2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com