Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7377 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7377
Description  2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7377 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7377 Datasheet HTML 1Page - STMicroelectronics TDA7377 Datasheet HTML 2Page - STMicroelectronics TDA7377 Datasheet HTML 3Page - STMicroelectronics TDA7377 Datasheet HTML 4Page - STMicroelectronics TDA7377 Datasheet HTML 5Page - STMicroelectronics TDA7377 Datasheet HTML 6Page - STMicroelectronics TDA7377 Datasheet HTML 7Page - STMicroelectronics TDA7377 Datasheet HTML 8Page - STMicroelectronics TDA7377 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
C1 0.22
µF
1
DIAGNOSTICS
4
7
C10 2200
µF
D94AU063A
C7
10
µF
10K R1
ST-BY
IN FL
C2 0.22
µF
IN FR
5
C4 0.22
µF
12
IN RL
C3 0.22
µF
IN RR
11
C8 47
µF
6
13
C5
1000
µF
C6
100nF
3
VS
C9 2200
µF
2
15
C11 2200
µF
C12 2200
µF
14
OUT FL
OUT FR
OUT RL
OUT RR
89
10
STANDARD TEST AND APPLICATION CIRCUIT
Figure 1: Quad Stereo
C1 0.47
µF
1
DIAGNOSTICS
4
7
D94AU064A
C5
10
µF
10K R1
ST-BY
IN L
C2 0.47
µF
5
12
IN R
11
C8 47
µF
6
13
C3
1000
µF
C4
100nF
3
VS
2
15
14
OUT L
89
10
OUT R
Figure 2: Double Bridge
0.22
µF
1
DIAGNOSTICS
4
7
D94AU065A
10
µF
10K
ST-BY
IN L
0.47
µF
5
IN BRIDGE
12
47
µF
6
13
1000
µF
100nF
3
VS
2
15
14
OUT L
89
10
OUT
BRIDGE
11
0.22
µF
IN L
OUT R
2200
µF
2200
µF
Figure 3: Stereo/Bridge
Note:
C9, C10, C11, C12 could be
reduced if the 2
Ω operation is not
required.
TDA737
7
4/1
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com