Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7377 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7377
Description  2 x 30WDUAL/QUAD POWER AMPLIFIER FOR CAR RADIO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7377 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7377 Datasheet HTML 1Page - STMicroelectronics TDA7377 Datasheet HTML 2Page - STMicroelectronics TDA7377 Datasheet HTML 3Page - STMicroelectronics TDA7377 Datasheet HTML 4Page - STMicroelectronics TDA7377 Datasheet HTML 5Page - STMicroelectronics TDA7377 Datasheet HTML 6Page - STMicroelectronics TDA7377 Datasheet HTML 7Page - STMicroelectronics TDA7377 Datasheet HTML 8Page - STMicroelectronics TDA7377 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DESCRIPTION
The TDA737
7 is a new technology class AB car
radio amplifier able to work either in DUAL
BRIDGE or QUAD SINGLE ENDED configuration.
The exclusive fully complementary structure of the
output stage and the internally fixed gain guaran-
tees the highest possible power performances
with extremely reduced component count. The
on-board clip detector simplifies gain compression
operation. The fault diagnostics makes it possible
to detect mistakes during car radio set assembly
and wiring in the car.
GENERAL STRUCTURE
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vop
Operating Supply Voltage
18
V
VS
DC Supply Voltage
28
V
Vpeak
Peak Supply Voltage (for t = 50ms)
50
V
IO
Output Peak Current (not repetitive t = 100
µs)
4.5
A
IO
Output Peak Current (repetitive f > 10Hz)
3.5
A
Ptot
Power Dissipation (Tcase =85
°C)
36
W
Tstg,Tj
Storage and Junction Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max
1.8
°C/W
PIN CONNECTION (Top view)
DIAGNOSTICS
TDA737
7
2/1
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com