Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8924TH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA8924TH
Description  2 x 120 W class-D power amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8924TH Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA8924TH Datasheet HTML 1Page - NXP Semiconductors TDA8924TH Datasheet HTML 2Page - NXP Semiconductors TDA8924TH Datasheet HTML 3Page - NXP Semiconductors TDA8924TH Datasheet HTML 4Page - NXP Semiconductors TDA8924TH Datasheet HTML 5Page - NXP Semiconductors TDA8924TH Datasheet HTML 6Page - NXP Semiconductors TDA8924TH Datasheet HTML 7Page - NXP Semiconductors TDA8924TH Datasheet HTML 8Page - NXP Semiconductors TDA8924TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
2003 Jul 28
4
Philips Semiconductors
Objective specification
2
× 120 W class-D power amplifier
TDA8924
6
BLOCK DIAGRAM
handbook, full pagewidth
OUT1
VSSP1
VDDP2
DRIVER
HIGH
MDB569
OUT2
BOOT2
TDA8924
BOOT1
DRIVER
LOW
RELEASE1
SWITCH1
ENABLE1
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
MANAGER
OSCILLATOR
TEMPERATURE SENSOR
CURRENT PROTECTION
STABI
MODE
INPUT
STAGE
mute
9
8
IN1
−
IN1
+
22
21
20
17
16
15
VSSP2
VSSP1
DRIVER
HIGH
DRIVER
LOW
RELEASE2
SWITCH2
ENABLE2
CONTROL
AND
HANDSHAKE
PWM
MODULATOR
11
SGND1
7
OSC
2
SGND2
6
MODE
INPUT
STAGE
mute
5
4
IN2
−
IN2
+
19
24
VSSD
HW
1
VSSA2
12
VSSA1
3
VDDA2
10
VDDA1
23
13
18
14
VDDP2
PROT
STABI
VDDP1
Fig.1 Block diagram.
Pin 19 should be connected to pin 24 in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com