Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8924TH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8924TH
Description  2 x 120 W class-D power amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8924TH Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8924TH Datasheet HTML 1Page - NXP Semiconductors TDA8924TH Datasheet HTML 2Page - NXP Semiconductors TDA8924TH Datasheet HTML 3Page - NXP Semiconductors TDA8924TH Datasheet HTML 4Page - NXP Semiconductors TDA8924TH Datasheet HTML 5Page - NXP Semiconductors TDA8924TH Datasheet HTML 6Page - NXP Semiconductors TDA8924TH Datasheet HTML 7Page - NXP Semiconductors TDA8924TH Datasheet HTML 8Page - NXP Semiconductors TDA8924TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
2003 Jul 28
3
Philips Semiconductors
Objective specification
2
× 120 W class-D power amplifier
TDA8924
1
FEATURES
• High efficiency (∼90 %)
• Operating voltage from ±12.5 V to ±30 V
• Very low quiescent current
• Low distortion
• Usable as a stereo Single-Ended (SE) amplifier or as a
mono amplifier in Bridge-Tied Load (BTL)
• Fixed gain of 28 dB in SE and 34 dB in BTL
• High output power
• Good ripple rejection
• Internal switching frequency can be overruled by an
external clock
• No switch-on or switch-off plop noise
• Short-circuit proof across the load and to the supply
lines
• Electrostatic discharge protection
• Thermally protected.
2
APPLICATIONS
• Television sets
• Home-sound sets
• Multimedia systems
• All mains fed audio systems
• Car audio (boosters).
3
GENERAL DESCRIPTION
The TDA8924 is a high efficiency class-D audio power
amplifier with very low dissipation. The typical output
power is 2
× 120 W.
The device comes in a HSOP24 power package with a
small internal heatsink. Depending on supply voltage and
load conditions a very small or even no external heatsink
is required. The amplifier operates over a wide supply
voltage range from
±12.5 V to ±30 V and consumes a very
low quiescent current.
4
QUICK REFERENCE DATA
Notes
1. Quiescent current in application; value strongly depends on circuitry connected to the output pin. This also means
that quiescent dissipation of the chip is lower than the VP × Iq.
2. Output power is measured indirectly; based on RDSon measurement.
5
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
General; VP = ±24 V
VP
supply voltage
±12.5 ±24
±30
V
Iq(tot)
total quiescent current
no load connected; note 1
−
100
−
mA
η
efficiency
Po = 240 W BTL mode
−
83
−
%
Stereo single-ended configuration
Po
output power
RL =2 Ω; THD = 10 %; VP = ±24 V; note 2 −
120
−
W
Mono bridge-tied load configuration
Po
output power
RL =4 Ω; THD = 10 %; note 2
VP = ±24 V
−
240
−
W
VP = ±20 V
−
175
−
W
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8924TH
HSOP24
plastic thermal enhanced small outline package; 24 leads; low
stand-off height; heatsink
SOT566-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com