Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8924TH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8924TH
Description  2 x 120 W class-D power amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8924TH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8924TH Datasheet HTML 17Page - NXP Semiconductors TDA8924TH Datasheet HTML 18Page - NXP Semiconductors TDA8924TH Datasheet HTML 19Page - NXP Semiconductors TDA8924TH Datasheet HTML 20Page - NXP Semiconductors TDA8924TH Datasheet HTML 21Page - NXP Semiconductors TDA8924TH Datasheet HTML 22Page - NXP Semiconductors TDA8924TH Datasheet HTML 23Page - NXP Semiconductors TDA8924TH Datasheet HTML 24Page - NXP Semiconductors TDA8924TH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
2003 Jul 28
21
Philips Semiconductors
Objective specification
2
× 120 W class-D power amplifier
TDA8924
16.11 Reference design: bill of materials
Table 1
Single-chip class-D audio amplifier printed-circuit board (version 4; 01-2002) for TDA8924TH
(see Figs 9 and 10)
Note
1. EP13 or 16RHBP inductors have been used in the first demo boards. In these boards, they functioned properly.
However current rating basically is too low. A better choice is the new TOKO DASM 998AM-105 inductor.
BOM
ITEM
QUANTITY
REFERENCE
PART
DESCRIPTION
1
1
U1
TDA8924TH
Philips Semiconductors B.V.
2
2
in1 and in2
cinch inputs
Farnell 152-396
3
2
out1 and out2
output connector
Augat 5KEV-02
41
VDD, GND and VSS
supply connector
Augat 5KEV-03
5
2
L5 and L6
10
µH
EP13 or 16RHBP (TOKO);
note 1
6
4
L1, L2, L3 and L4
BEAD
Murata BL01RN1-A62
7
1
S1
PCB switch
Knitter ATE1E M-O-M
8
1
Z1
5V6
BZX 79C5V6 DO-35
9
2
C1 and C2
470
µF; 35 V
Panasonic M series
ECA1VM471
10
3
C3, C4 and C5
47
µF; 63 V
Panasonic NHG series
ECA1JHG470
11
6
C16, C17, C18 and C19
470 nF; 63 V
MKT EPCOS B32529- 0474- K
12
9
C8, C9, C11, C14, C28,
C29, C32, C35 and C38
220 nF; 63 V
SMD 1206
13
10
C6, C7, C10, C12, C13,
C15, C34, C36, C37 and
C39
100 nF; 50 V
SMD 0805
14
2
C20 and C21
330 pF; 50 V
SMD 0805
15
4
C22, C23, C30 and C31
15 nF; 50 V
SMD 0805
16
2
C24, C25
560 pF; 100 V
SMD 0805
17
1
C33
47 pF; 25V
SMD 0805
18
2
R3 and R4
39 k
Ω; 0.1 W
SMD 0805
19
1
R5
30 k
Ω; 0.1 W
SMD 1206
20
1
R1
10 k
Ω; 0.1 W; optional
SMD 0805
21
1
R2
9.1 k
Ω; 0.1 W; optional
SMD 0805
22
4
R6, R7, R8 and R9
5.6 k
Ω; 0.1 W
SMD 0805
23
2
R12 and R13
22
Ω; 1 W
SMD 2512
24
2
R10 and R11
4.7
Ω; 0.25 W
SMD 1206
25
2
C26 and C27
1
µF; 63V
MKT
26
1
heatsink
SK 174 50 mm (5 K/W) Fisher elektronik
27
1
printed-circuit board
material
1.6 mm thick epoxy FR4 material, dual-sided 35
µm copper;
clearances 300
µm; minimum copper track 400 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com