Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1006 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1006
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1006 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC1006 Datasheet HTML 1Page - National Semiconductor (TI) DAC1006 Datasheet HTML 2Page - National Semiconductor (TI) DAC1006 Datasheet HTML 3Page - National Semiconductor (TI) DAC1006 Datasheet HTML 4Page - National Semiconductor (TI) DAC1006 Datasheet HTML 5Page - National Semiconductor (TI) DAC1006 Datasheet HTML 6Page - National Semiconductor (TI) DAC1006 Datasheet HTML 7Page - National Semiconductor (TI) DAC1006 Datasheet HTML 8Page - National Semiconductor (TI) DAC1006 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLH5688
January 1995
DAC1006DAC1007DAC1008 mP Compatible
Double-Buffered D to A Converters
General Description
The DAC100678 are advanced CMOSSi-Cr 10- 9- and
8-bit accurate multiplying DACs which are designed to inter-
face directly with the 8080 8048 8085 Z-80 and other pop-
ular microprocessors These DACs appear as a memory lo-
cation or an IO port to the mP and no interfacing logic is
needed
These devices combined with an external amplifier and
voltage reference can be used as standard DA converters
and they are very attractive for multiplying applications
(such as digitally controlled gain blocks) since their linearity
error is essentially independent of the voltage reference
They become equally attractive in audio signal processing
equipment as audio gain controls or as programmable at-
tenuators which marry high quality audio signal processing
to digitally based systems under microprocessor control
All of these DACs are double buffered They can load all 10
bits or two 8-bit bytes and the data format is left justified
The analog section of these DACs is essentially the same
as that of the DAC1020
The DAC1006 series are the 10-bit members of a family of
microprocessor-compatible DAC’s (MICRO-DACTM’s) For
applications requiring other resolutions the DAC0830 series
(8 bits) and the DAC1208 and DAC1230 (12 bits) are avail-
able alternatives
Part
Accuracy
Pin
Description
(bits)
DAC1006
10
For left-
DAC1007
9
20
justified
DAC1008
8
data
MICRO-DACTM and BI-FETTM are trademarks of National Semiconductor Corp
Features
Y
Uses easy to adjust END POINT specs NOT BEST
STRAIGHT LINE FIT
Y
Low power consumption
Y
Direct interface to all popular microprocessors
Y
Integrated thin film on CMOS structure
Y
Double-buffered single-buffered or flow through digital
data inputs
Y
Loads two 8-bit bytes or a single 10-bit word
Y
Logic inputs which meet TTL voltage level specs (14V
logic threshold)
Y
Works with g10V referencefull 4-quadrant multiplica-
tion
Y
Operates STAND ALONE (without mP) if desired
Y
Available in 03
standard 20-pin package
Y
Differential non-linearity selection available as special
order
Key Specifications
Y
Output Current Settling Time
500 ns
Y
Resolution
10 bits
Y
Linearity
10 9 and 8 bits
(guaranteed over temp)
Y
Gain Tempco
b
00003% of FS C
Y
Low Power Dissipation
20 mW
(including ladder)
Y
Single Power Supply
5 to 15 VDC
Typical Application
DAC100610071008
NOTE FOR DETAILS OF BUS
CONNECTION SEE SECTION 60
TLH5688 – 1
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - DAC1006

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1006 NSC-DAC1006 Datasheet
854Kb / 23P
DOUBLE-BUFFERED D TO A CONVERTERS
DAC1006LCJ NSC-DAC1006LCJ Datasheet
854Kb / 23P
DOUBLE-BUFFERED D TO A CONVERTERS
DAC1006LCN NSC-DAC1006LCN Datasheet
854Kb / 23P
DOUBLE-BUFFERED D TO A CONVERTERS
DAC1006LJ NSC-DAC1006LJ Datasheet
854Kb / 23P
DOUBLE-BUFFERED D TO A CONVERTERS
More results

Similar Description - DAC1006

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
8-Bit uP Compatible A/D Converters with Multiplexer Options
DAC0830 NSC-DAC0830 Datasheet
532Kb / 28P
8-Bit P Compatible, Double-Buffered D to A Converters
DAC1208 NSC-DAC1208 Datasheet
361Kb / 18P
12-Bit, uP Compatible, Double-Buffered D to A Converters
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
ADC1025 NSC-ADC1025 Datasheet
411Kb / 11P
10-BIT uP COMPATIBLE A/D CONVERTERS
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
DOUBLE-BUFFERED D TO A CONVERTERS
logo
Texas Instruments
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com