Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1006 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1006
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1006 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button DAC1006 Datasheet HTML 9Page - National Semiconductor (TI) DAC1006 Datasheet HTML 10Page - National Semiconductor (TI) DAC1006 Datasheet HTML 11Page - National Semiconductor (TI) DAC1006 Datasheet HTML 12Page - National Semiconductor (TI) DAC1006 Datasheet HTML 13Page - National Semiconductor (TI) DAC1006 Datasheet HTML 14Page - National Semiconductor (TI) DAC1006 Datasheet HTML 15Page - National Semiconductor (TI) DAC1006 Datasheet HTML 16Page - National Semiconductor (TI) DAC1006 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
TLH5688-15
FIGURE 14 Voltage Switching with a Bipolar Output Voltage
60 DIGITAL CONTROL DESCRIPTION
The DAC1006 series of products can be used in a wide
variety of operating modes Most of the options are shown
in Table 1 Also shown in this table are the section numbers
of this data sheet where each of the operating modes is
discussed For example if your main interest in interfacing
to a mP with an 8-bit data bus you will be directed to Section
610
The first consideration is ‘‘will the DAC be interfaced to a mP
with an 8-bit or a 16-bit data bus or used in the stand-alone
mode’’ For the 8-bit data bus a second selection is made
on how the 2nd digital data buffer (the DAC Latch) is updat-
ed by a transfer from the 1st digital data buffer (the Input
Latch) Three options are provided 1) an automatic transfer
when the 2nd data byte is written to the DAC 2) a transfer
which is under the control of the mP and can include more
than one DAC in a simultaneous transfer or 3) a transfer
which is under the control of external logic Further the data
format can be either left justified or right justified
When interfacing to a mP with a 16-bit data bus only two
selections are available 1) operating the DAC with a single
digital data buffer (the transfer of one DAC does not have to
be synchronized with any other DACs in the system) or
2) operating with a double digital data buffer for simulta-
neous transfer or updating of more than one DAC
For operating without a mP in the stand alone mode three
options are provided 1) using only a single digital data buff-
er 2) using both digital data buffers
‘‘double buffered’’ or
3) allowing the input digital data to ‘‘flow through’’ to provide
the analog output without the use of any data latches
To reduce the required reading only the applicable sections
of 61 through 64 need be considered
61 Interfacing to an 8-Bit Data Bus
Transferring 10 bits of data over an 8-bit bus requires two
write cycles and provides four possible combinations which
depend upon two basic data format and protocol decisions
1 Is the data to be left justified (considered as fractional
binary data with the binary point to the left) or right justi-
fied (considered as binary weighted data with the binary
point to the right)
2 Which byte will be transferred first the most significant
byte (MS byte) or the least significant byte (LS byte)
Table 1
Operating Mode
Automatic Transfer
mP Control Transfer
External Transfer
Section
Figure No
Section
Figure No
Section
Figure No
Data Bus
8-Bit Data Bus (610)
Left Justified (611)
621
16
622
16
623
16
16-Bit Data Bus (630)
Single Buffered
Double Buffered
Flow Through
631
17
632
17
Not Applicable
Stand Alone (640)
Single Buffered
Double Buffered
Flow Through
641
17
642
17
NA
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com