Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC1006 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1006
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1006 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC1006 Datasheet HTML 1Page - National Semiconductor (TI) DAC1006 Datasheet HTML 2Page - National Semiconductor (TI) DAC1006 Datasheet HTML 3Page - National Semiconductor (TI) DAC1006 Datasheet HTML 4Page - National Semiconductor (TI) DAC1006 Datasheet HTML 5Page - National Semiconductor (TI) DAC1006 Datasheet HTML 6Page - National Semiconductor (TI) DAC1006 Datasheet HTML 7Page - National Semiconductor (TI) DAC1006 Datasheet HTML 8Page - National Semiconductor (TI) DAC1006 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)17 VDC
Voltage at Any Digital Input
VCC to GND
Voltage at VREF Input
g
25V
Storage Temperature Range
b
65 Cto a150 C
Package Dissipation at TAe25 C (Note 3)
500 mW
DC Voltage Applied to IOUT1 or IOUT2
(Note 4)
b
100 mV to VCC
ESD Susceptibility (Note 11)
800V
Lead Temp (Soldering 10 seconds)
Dual-In-Line Package (plastic)
260 C
Dual-In-Line Package (ceramic)
300 C
Operating Ratings (Note 1)
Temperature Range
TMIN s TA s TMAX
Part numbers with
‘‘LCN’’ and ‘‘LCWN’’ suffix
0 Cto70 C
Voltage at Any Digital Input
VCC to GND
Electrical Characteristics
Tested at VCC e 475 VDC and 1575 VDC TAe25 C VREFe10000 VDC unless otherwise noted
See
VCCe12VDCg5%
VCCe5VDCg5%
Parameter
Conditions
Note
to 15VDCg5%
Units
Min
Typ
Max
Min
Typ
Max
Resolution
10
10
bits
Linearity Error
Endpoint adjust only
47
TMINkTAkTMAX
6
b
10VsVREFsa10V
5
DAC1006
005
005
% of FSR
DAC1007
01
01
% of FSR
DAC1008
02
02
% of FSR
Differential
Endpoint adjust only
47
Nonlinearity
TMINkTAkTMAX
6
b
10VsVREFsa10V
5
DAC1006
01
01
% of FSR
DAC1007
02
02
% of FSR
DAC1008
04
04
% of FSR
Monotonicity
TMINkTAkTMAX
46
b
10VsVREFsa10V
5
DAC1006
10
10
bits
DAC1007
9
9
bits
DAC1008
8
8
bits
Gain Error
Using internal Rfb
b
10VsVREFsa10V
5
b
10
g
03
10
b
10
g
03
10
% of FS
Gain Error Tempco
TMINkTAkTMAX
6
Using internal Rfb
9
b
00003 b0001
b
00006 b0002 % of FS C
Power Supply
All digital inputs
Rejection
latched high
VCCe145V to 155V
0003
0008
% FSRV
115V to 125V
0004
0010
% FSRV
475V to 525V
0033
010
% FSRV
Reference Input
Resistance
10
15
20
10
15
20
kX
Output Feedthrough
VREF e 20Vp-p fe100 kHz
Error
All data inputs
90
90
mVp-p
latched low
Output
IOUT1 All data inputs
60
60
pF
Capacitance
IOUT2
latched low
250
250
pF
IOUT1 All data inputs
250
250
pF
IOUT2
latched high
60
60
pF
Supply Current Drain
TMINsTAsTMAX
6
05
35
05
35
mA
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com