Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS5130 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5130
Description  TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5130 Datasheet(HTML) 1 Page - Texas Instruments

  TPS5130 Datasheet HTML 1Page - Texas Instruments TPS5130 Datasheet HTML 2Page - Texas Instruments TPS5130 Datasheet HTML 3Page - Texas Instruments TPS5130 Datasheet HTML 4Page - Texas Instruments TPS5130 Datasheet HTML 5Page - Texas Instruments TPS5130 Datasheet HTML 6Page - Texas Instruments TPS5130 Datasheet HTML 7Page - Texas Instruments TPS5130 Datasheet HTML 8Page - Texas Instruments TPS5130 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS5130
SLVS426 – MAY 2002
TRIPLE SYNCHRONOUS BUCK CONTROLLER
WITH NMOS LDO CONTROLLER
FEATURES
D Three Independent Step-Down DC/DC
Controllers and One LDO Controller
D Input Voltage Range
– Switcher: 4.5 V ~ 28 V
– LDO: 1.1 V ~ 3.6 V
D Output Voltage Range
– Switcher: 0.9 V ~ 5.5 V
– LDO: 0.9 V ~ 2.5 V
D Synchronous for High Efficiency
D Precision Vref (±1.5%)
D PWM Mode Control : Max. 500 kHz Operation
D Auto PWM/SKIP Mode Available
D High Speed Error Amplifier
D Over Current Protection With Temperature
Compensation Circuit for Each Channel
D Overvoltage and Undervoltage Protection
D Programmable Short-Circuit Protection
D Powergood With Programmable Delay Time
D 5-V and 3.3-V Linear Regulators
APPLICATIONS
D Notebook PCs, PDAs
D Consumer Game Systems
D DSP Application
DESCRIPTION
The TPS5130 is composed of three independent
synchronous buck regulator controllers (SBRC) and
one low drop-out (LDO) regulator controller. On-chip
high-side and low-side synchronous rectifier drivers are
integrated
to
drive
less
expensive
N-channel
MOSFETs. The LDO controller can also drive an
external N-channel MOSFET. Since the input current
ripple is minimized by operating 180 degree out of
phase, it allows a smaller input capacitance resulting in
reduced power supply cost. The SBRC of the TPS5130
automatically adjusts from PWM mode to SKIP mode
to maintain high efficiency under light load conditions.
Resistor-less current protection for the synchronous
buck controller and the fixed high-side driver voltage
simplifies the system design and reduces the external
parts count. The LDO controller has a current limit
protection and overshoot protection to suppress output
voltage hump at load transient. To further extend
battery life, the TPS5130 features dead-time control
and very low quiescent current.
See application section of this data sheet for more detailed information.
VIN
Vo1
5 V
Vo3
Vo3
Vo_LDO
TPS5130
OUT3_u
OUT1_u
OUT3_d
OUT1_d
LL3
LL1
VIN
INV3
INV1
OUT2_u
OUT2_d
LL2
INV2
LDO_IN
LDO_GATE
LDO_CUR
INV_LDO
REG5V_IN
GND
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002, Texas Instruments Incorporated


Similar Part No. - TPS5130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130 TI2-TPS5130 Datasheet
465Kb / 33P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
MAY 2002
TPS5130 TI2-TPS5130 Datasheet
761Kb / 36P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
MARCH 2009
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI2-TPS5130-Q1 Datasheet
761Kb / 36P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
MARCH 2009
TPS5130-Q1 TI2-TPS5130-Q1 Datasheet
465Kb / 33P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
MAY 2002
More results

Similar Description - TPS5130

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3021M IRF-IRU3021M Datasheet
113Kb / 8P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS TRIPLE LDO CONTROLLER
IRU3027 IRF-IRU3027 Datasheet
66Kb / 10P
5-BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC WITH TRIPLE LDO CONTROLLER
logo
Microsemi Corporation
NX2309 MICROSEMI-NX2309 Datasheet
444Kb / 16P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER
NX2601 MICROSEMI-NX2601 Datasheet
1,010Kb / 25P
DUAL SYNCHRONOUS PWM CONTROLLER WITH NMOS LDO CONTROLLER & 5V BIAS REGULATOR
logo
Texas Instruments
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS5130PTR TI1-TPS5130PTR Datasheet
532Kb / 31P
TRIPLE SYNCHRONOUS BUCK CONTROLLER
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com