Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM3243EESS Datasheet(PDF) 6 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 6 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 2Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 3Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 4Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 5Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 6Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 9Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 10Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
6/22
UM3243
Auto Power-Off Electrical Characteristics
Over recommended ranges of supply voltage and operating free-air temperature (unless otherwise
noted) (Figure 6)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Receiver Input Positive
Threshold to INVALID
_______________
Output High
VIT+(valid)
FORCEON=GND,
FORCEOFF
___________________
=VCC
2.7
V
Receiver Input Negative
Threshold to INVALID
_______________
Output High
VIT-(valid)
FORCEON=GND,
FORCEOFF
___________________
=VCC
-2.7
V
Receiver Input Threshold
to
INVALID
_________________
Output
Low
VT(invalid)
FORCEON=GND,
FORCEOFF
___________________
=VCC
-0.3
0.3
V
Receiver
Positive
or
Negative
Threshold
to
INVALID
_________________
High
tvalid
FORCEON=GND,
FORCEOFF
___________________
=VCC,
VCC=5V, Figure 6
1
μs
Receiver
Positive
or
Negative
Threshold
to
INVALID
_________________
Low
tinvalid
FORCEON=GND,
FORCEOFF
___________________
=VCC,
VCC=5V, Figure 6
30
μs
Receiver Edge to Charge
Pump Setup
ten
FORCEON=GND,
FORCEOFF
___________________
=VCC,
VCC=5V, Figure 6
150
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com