Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM3243EESS Datasheet(PDF) 11 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 11 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 7Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 8Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 9Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 10Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 11Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 12Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 13Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 14Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 15Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
11/22
UM3243
Logic Diagram
Auto Power-Off
FORCEOFF
FORCEON
ROUT1
ROUT2B
ROUT2
ROUT3
ROUT4
ROUT5
RIN5
RIN4
RIN3
RIN2
RIN1
INVALID
TOUT3
TOUT2
TOUT1
TIN1
TIN2
TIN3
14
13
12
22
23
19
20
18
17
16
15
8
7
6
5
4
21
11
10
9
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com