Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM3243EESS Datasheet(PDF) 13 Page - Union Semiconductor, Inc.

Part # UM3243EESS
Description  Low Supply Current, 3V to 5.5V, 250kbps, 3-Driver/5-Receiver, Enhanced ESD Protection Smart RS-232 Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3243EESS Datasheet(HTML) 13 Page - Union Semiconductor, Inc.

Back Button UM3243EESS Datasheet HTML 9Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 10Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 11Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 12Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 13Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 14Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 15Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 16Page - Union Semiconductor, Inc. UM3243EESS Datasheet HTML 17Page - Union Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
http://www.union-ic.com Rev.01 Mar.2015
13/22
UM3243
Generator
(see Note B)
50
Ω
FORCEOFF
CL=30pF
(see Note A)
ROUT
TEST CIRCUIT
FORCEON
Auto Power-Off
V+
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: PRR=5kbit/s, ZO=50Ω, 50% duty cycle, tr≤10ns, tf≤10ns.
INVALID
Receiver
Input
2.7V
-2.7V
2.7V
3V
0V
0V
-2.7V
-3V
50% VCC
50% VCC
VCC
0V
INVALID
Output
V+
V-
Supply
Voltages
≈V+
≈V-
0.3V
0.3V
0V
VCC
VOLTAGE WAVEFORMS
tinvalid
tvalid
ten
Indeterminate
Indeterminate
Valid RS-232 Level, INVALID High
If Signal Remains Within This Region
For More Than 30µs, INVALID Is Low*
Valid RS-232 Level, INVALID High
* Auto Power-Off disables transmitters and reduces supply
current to 1µA.
2.7V
0.3V
0V
-0.3V
-2.7V
Charge
Pump
V-
Figure 6. INVALID
__________________
Propagation Delay Times and Supply Enabling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com