Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX21844G Datasheet(PDF) 13 Page - IXYS Corporation

Part # IX21844G
Description  Programmable Dead-Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX21844G Datasheet(HTML) 13 Page - IXYS Corporation

Back Button IX21844G Datasheet HTML 6Page - IXYS Corporation IX21844G Datasheet HTML 7Page - IXYS Corporation IX21844G Datasheet HTML 8Page - IXYS Corporation IX21844G Datasheet HTML 9Page - IXYS Corporation IX21844G Datasheet HTML 10Page - IXYS Corporation IX21844G Datasheet HTML 11Page - IXYS Corporation IX21844G Datasheet HTML 12Page - IXYS Corporation IX21844G Datasheet HTML 13Page - IXYS Corporation IX21844G Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IX21844
R01
www.ixysic.com
13
3.5 Mechanical Dimensions
3.5.1 IX21844G 14-Pin DIP Package
3.5.2 IX21844N 14-Pin SOIC (Narrow Body) Package
NOTES:
1. JEDEC outline: MS-001 AA.
2. This dimension does not include mold flash or
protrusions. Mold flash or protrusions shall not
exceed 0.254 (0.010).
3. Measured at the lead tips with the leads
unconstrained.
4. Pointed or rounded lead tips are preferred to
ease insertion.
5. Distance between leads including dam bar
protrusions to be 0.127 (0.005).
6. Datum plane H coincident with the bottom of
lead where lead exits body.
DIMENSIONS
(min / max)
mm
(inches)
Pin 1
8.509 / 9.525
(0.335 / 0.375)
See Note 3
7.62 BSC
(0.300 BSC)
18.542 / 19.050
(0.730 / 0.750)
See Note 2
2.921 / 3.810
(0.115 / 0.150)
0.381 min
(0.015 min)
0.457 typ
(0.018 typ)
2.542
(0.100)
3.175 / 3.429
(0.125 / 0.135)
1.524 typ
(0.06 typ)
6.223 / 6.477
(0.245 / 0.255)
See Note 2
PCB Hole Pattern
7.62
(0.300)
2.54
(0.100)
1.35
(0.053)
0.85
(0.0335)
Hole Size =
5.334 max
(0.210 max)
H
Seating Plane
0º / 15º
NOTES:
1. JEDEC outline: MS-012 AB Rev F. (reference)
2. Molded package dimension do not include mold flash,
protrusions, or gate burrs. Mold flash, protrusions, and
gate burrs shall not exceed 0.15 (0.006) per side.
3. Lead dimensions do not include inter-lead flash or
protrusions. Inter-lead flash and protrusions shall not
exceed 0.25 (0.010) per side.
DIMENSIONS
min / max
mm
(inches)
PCB Pattern
5.98 / 6.02
(0.235 / 0.237)
8.65 BSC
(0.341 BSC)
See Note 2
0.4 / 0.95
(0.016 / 0.037)
1.27 TYP
(0.05 TYP)
0.15 / 0.25
(0.006 / 0.010)
0.31 / 0.51
(0.012 / 0.020)
3.90 BSC
(0.154 BSC)
See Note 3
1.25 min
(0.049 min)
0.10 / 0.25
(0.004 / 0.010)
1.75 max
(0.069 max)
0º / 8º
5.30
(0.209)
1.50
(0.059)
0.60
(0.024)
1.27
(0.05)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com