Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX21844G Datasheet(PDF) 9 Page - IXYS Corporation

Part # IX21844G
Description  Programmable Dead-Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX21844G Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IX21844G Datasheet HTML 5Page - IXYS Corporation IX21844G Datasheet HTML 6Page - IXYS Corporation IX21844G Datasheet HTML 7Page - IXYS Corporation IX21844G Datasheet HTML 8Page - IXYS Corporation IX21844G Datasheet HTML 9Page - IXYS Corporation IX21844G Datasheet HTML 10Page - IXYS Corporation IX21844G Datasheet HTML 11Page - IXYS Corporation IX21844G Datasheet HTML 12Page - IXYS Corporation IX21844G Datasheet HTML 13Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
IX21844
R01
www.ixysic.com
9
Temperature (ºC)
0
20
40
60
80
100
Logic "1" Input Bias Current
vs. Temperature
-50
0
50
100
150
-25
25
75
125
Supply Voltage (V)
10
12
14
16
18
20
0
20
40
60
80
100
Logic "1" Input Bias Current
vs. V
CC Supply Voltage
Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
Logic "0" Input Bias Current
vs. V
CC Supply Voltage
Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
6
Logic "1" Input Voltage
vs. V
CC Supply Voltage
Temperature (ºC)
0
1
2
3
4
5
Logic "0" Input Bias Current
vs. Temperature
-50
0
50
100
150
-25
25
75
125
Temperature (ºC)
0
1
2
3
4
5
6
Logic "1" Input Voltage
vs. Temperature
-50
0
50
100
150
-25
25
75
125
Temperature (ºC)
0
1
2
3
4
5
6
Logic "0" Input Voltage
vs. Temperature
-50
0
50
100
150
-25
25
75
125
Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
6
Logic "0" Input Voltage
vs. V
CC Supply Voltage
Supply Voltage (V)
10
12
14
16
18
20
0
1
2
3
4
5
High Level Output (V
BIAS-VO)
vs. V
BIAS Supply Voltage
Supply Voltage (V)
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1.0
Low Level Output Voltage (V
O)
vs. V
BIAS Supply Voltage
Temperature (ºC)
0
1
2
3
4
5
High Level Output Voltage (V
BIAS - VO)
vs. Temperature
-50
0
50
100
150
-25
25
75
125
Temperature (ºC)
-50
0
50
100
150
0.0
0.2
0.4
0.6
0.8
1.0
Low Level Output Voltage (V
O)
vs. Temperature
-50
0
50
100
150
-25
25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com