Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX21844G Datasheet(PDF) 4 Page - IXYS Corporation

Part # IX21844G
Description  Programmable Dead-Time
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX21844G Datasheet(HTML) 4 Page - IXYS Corporation

  IX21844G Datasheet HTML 1Page - IXYS Corporation IX21844G Datasheet HTML 2Page - IXYS Corporation IX21844G Datasheet HTML 3Page - IXYS Corporation IX21844G Datasheet HTML 4Page - IXYS Corporation IX21844G Datasheet HTML 5Page - IXYS Corporation IX21844G Datasheet HTML 6Page - IXYS Corporation IX21844G Datasheet HTML 7Page - IXYS Corporation IX21844G Datasheet HTML 8Page - IXYS Corporation IX21844G Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
4
www.ixysic.com
R01
IX21844
1.3 Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM.
1.4 Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions. The VS and VSS offset ratings
are tested with all supplies biased at a 15V differential.
Parameter
Symbol
Min
Max
Units
High-Side Floating Absolute Voltage
VB
-0.3
700
V
High-Side Floating Supply Offset Voltage
VS
VB-20
VB+0.3
High-Side Floating Output Voltage
VHO
VS-0.3
VB+0.3
Low-Side and Logic Fixed Supply Voltage
VCC
-0.3
20
Low-Side Output Voltage
VLO
-0.3
VCC+0.3
Programmable Dead-Time Pin Voltage
DT
VSS-0.3
VCC+0.3
Logic Input Voltage
VIN, VSD
VSS-0.3
VCC+0.3
Logic ground
VSS
VCC-20
VCC+0.3
Allowable Offset Supply Voltage Transient
dVS/dt
-50
V/ns
Package Power Dissipation @ TA  25°C
14-Pin PDIP
PD
-1.6
W
14-Pin SOIC
-1
Thermal Resistance, Junction to Ambient
14-Pin PDIP
RJA
-75
°C/W
14-Pin SOIC
-120
Junction Temperature
TJ
-150
°C
Storage Temperature
TS
-50
150
Lead Temperature (Soldering, 10 Seconds)
TL
-300
Parameter
Symbol
Min
Max
Units
High-Side Floating Supply Absolute Voltage
VB
VS+10
VS+20
V
High-Side Floating Supply Offset Voltage
VS
-5
600
High-Side Floating Output Voltage
VHO
VS
VB
Low-Side and Logic Fixed Supply Voltage
VCC
10
20
Low-Side Output Voltage
VLO
0
VCC
Logic Input Voltage
VIN, VSD
VSS
VSS + 5
Programmable Dead-Time Pin Voltage
DT
VSS
VCC
Logic Ground
VSS
-5
5
Ambient Temperature
TA
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com