Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1U5CS Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # D1U5CS
Description  AC/DC Front End Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U5CS Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  D1U5CS Datasheet HTML 1Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 2Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 3Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 4Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D1U5CS-H-2825-12-HA4C
AC/DC Front End Power Supply
D1U5CS-H-2825-12-HA4C.A01 Page 3 of 5
www.murata-ps.com/support
EMISSIONS AND IMMUNITY
Characteristic
Description
Criteria
Harmonics
IEC/EN 61000-3-2
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
Emission Conducted
FCC 47 CFR Parts 15/CISPR 22/EN55022
Class A, 4dB margin
Emission Radiated
FCC 47 CFR Parts 15/CISPR 22/EN55022
Class A
ESD
IEC/EN 61000-4-2
4kV contact discharge
8kV operational air discharge
15kV non-operational air discharge
Electromagnetic Field
IEC/EN 61000-4-3
Electrical Fast Transients/Burst
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
1kV/2kV, Performance Criteria B
RF Conducted Immunity
IEC/EN 61000-4-6
3 Vac, 80% AM, 1kHz, Performance Criteria A
Magnetic Immunity
IEC/EN 61000-4-8
3 A/m
Voltage dips, interruptions
IEC/EN 61000-4-11
OUTPUT CONNECTOR AND SIGNAL SPECIFICATION
DC and Signal Connector: FCI PowerBlade # 51939-486LF
Pin Assignment
Signal Name
Description
High Level
Low Level
I Max
P1, P2, P3, P10, P11, P12
VOUT
Main output voltage
P4, P5, P6, P7, P8, P9
VRTN
Main output voltage, return
A1
Sense +
VOUT remote sense, positive node input, connected to the +ve load point
A2
Sense -
VOUT remote sense, negative node input, connected to the -ve load point
C5, C6, D5, D6
VSB
Standby voltage output
C3, C4, D3, D4
VSB Return
Standby voltage, return, tied internally to Output Return
B1
I_Share
Active load sharing bus
0 – 8V
-4 mA / +5 mA
D1
AC_OK/H
Input AC Voltage “OK” signal output (open drain with internal pull up of
10kΩ to Vsb)
>2.5V
<0.8V
-32mA
D2
PW_OK/L
Power OK signal output (open drain with internal pull up of 10kΩ to Vsb)
>2.5V
<0.8V
-32mA
C2
SMB/Alert
SMB/Alert signal output (open collector)
B5
PS_Kill
Floating pin will turn off P/S (shorter pin, last-make and first-break contact
for hot plugging). This signal overrides PS-On in disabling the Main Output
>2.1V (open)
<0.8V (active, PS:On)
N/A
B6
PS_Present
Internally tied to Vsb return
0 V
A6
PS_On/L
Internal 5.11KΩ pull-up to Vsb, (accepts open collector/drain drive). This
signal to be pulled low to turn-on main output of power supply
>0.7 x Vsb
<0.3 x Vsb
A3
I2C Data
I2C serial data bus; internal 4.64kΩ pull-up to 3.3V
>0.7 x Vsb
<0.3 x Vsb
A4
I2C Clock
I2C serial clock bus; internal 4.64kΩ pull-up to 3.3V
>0.7 x Vsb
<0.3 x Vsb
B2
I2C Adr0
Address input 0, internal 10kΩ pull-up to Vsb
>0.7 x Vsb
<0.3 x Vsb
B3
I2C Adr1
Address input 1, internal 10kΩ pull-up to Vsb
>0.7 x Vsb
<0.3 x Vsb
B4
I2C Adr2
Address input 2, internal 10kΩ pull-up to Vsb
>0.7 x Vsb
<0.3 x Vsb
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P11
P12
x1
x2
x3
x4
x5
x6
VOUT
VOUT
VOUT
VRTN
VRTN
VRTN
VRTN
VRTN
VRTN
VOUT
VOUT
VOUT
AC_OK/H
PW_OK/L
VSB
Return
VSB
Return
VSB +OUT
VSB +OUT
D
SPARE
SMB/
Alert
VSB
Return
VSB
Return
VSB +OUT
VSB +OUT
C
I_SHARE
I2C ADR0
I2C ADR1
I2C ADR2
PS_KILL
PS_
Present
B
SENSE +
SENSE -
I2C DATA
I2C CLOCK
SPARE
PS_ON/L
A
mate-last pins



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com