Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1U5CS Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # D1U5CS
Description  AC/DC Front End Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U5CS Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  D1U5CS Datasheet HTML 1Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 2Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 3Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 4Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D1U5CS-H-2825-12-HA4C
AC/DC Front End Power Supply
D1U5CS-H-2825-12-HA4C.A01 Page 2 of 5
www.murata-ps.com/support
ENVIRONMENTAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage Temperature Range
Non-condensing
-40
70
°C
Operating Temperature Range
0
50
Operating Humidity
Non-condensing
10
90
%
Storage Humidity
5
90
Shock
30G non operating
Sinusoidal Vibration
0.5G, 5 – 500 Hz
MTBF
Calculated per Telecordia SR322M1C2
Ta = 30°C
Ta = 40°C
716,317
484,059
hrs
Acoustic
ISO 7779-1999
Safety Approvals:
c-CSA-US (CSA 60950-1-03/UL 60950-1, Second Edition
TUV EN 60950-1:2006+All  EN6950-1:2006+A11
CB Report IEC 60950-1:2005(2nd ed.,) EN60950-1:2006+All
Input Fuse
Power Supply has internal 20A/250V fast blow fuse on the AC line input
Material Flammability
UL 94V-0
Switching Frequency
TBD
Weight
5.92lbs (2.691kg)
PROTECTION CHARACTERISTICS
Output
Voltage
Parameter
Conditions
Min.
Typ.
Max.
Units
Overtemperature
Autorestart
55
65
°C
12V
Overvoltage
Latching
13.3
14.4
V
Overcurrent
Latching
243
255
A
5Vsb
Overvoltage
Latching; requires AC recycling
5.6
6
V
Overcurrent
Autorecovering
5
7
A
Note: The main output is able to be re-enabled after OCP and OVP event by cycling PS_ON/L pin from low to high to low.
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Insulation Safety Rating / Test Voltage
Input to Output - Reinforced
3000
Vrms
Input to Chassis - Basic
1500
Vrms
Material Flammability
UL 94V-0
CONTROL SIGNALS
Status
Conditions
Description
LED
Off
No AC input to all PS
Yellow
Power Supply Failure
Flashing Green
Main Output Disabled
Green
Power Supply Good
I2C Registers
Status
PS-ON, PGOOD, ACOK, PS_BAD, FANFAIL, OT Warning & shutdown, AC Range
Output Fault
12V OV, 12V UV, 12V OC, Vsb Fail, Fan1 Warn, Fan2 Warn
12V Output
10 bit scaled output voltage
12V
10 bit scaled output current
Fan1 Monitor
Fan speed (RPM)
Fan2 Monitor
Fan speed (RPM)
Standby Output
10 bit scaled output voltage
Standby Output
10 bit scaled output current
Ambient temp
10 bit ambient temperature reading
HS1 temp
10 bit heatsink 1 temperature reading
HS2 temp
10 bit heatsink 2 temperature reading
VAC
10 bit scaled input voltage
IAC
10 bit scaled input current



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com