Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1U5CS Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # D1U5CS
Description  AC/DC Front End Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U5CS Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  D1U5CS Datasheet HTML 1Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 2Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 3Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 4Page - Murata Power Solutions Inc. D1U5CS Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
D1U5CS-H-2825-12-HA4C
AC/DC Front End Power Supply
D1U5CS-H-2825-12-HA4C.A01 Page 5 of 5
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2012 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
MECHANICAL DIMENSIONS
AC Input Connector: The AC input connector is standard IEC320 C20 (20A).
Dimensions: 5.1” x 14.4” x 1.61” [129.5mm x 367mm x 41mm]
D1U5CS MATING CONNECTORS
12V D1U5CS mating connector
Press Fit
Solder 1
Straight
Right Angle
Straight
Right Angle
MPS
TBD
4321-01576-0
TBD
TBD
FCI
51940-323
51915-132LF
TBD
TBD
1 Solder connector recommended for board thickness of <0.090
OPTIONAL ACCESSORIES
Description
Part Number
12V D1U5CS Connector Card
D1U5CS-12-CONC
APPLICATION NOTES
Description
Application Note
12V D1U5CS Connector Card
ACAN-41
D1U5CS-H-2825-12-HxxC Communication Protocol
ACAN-40
D1U EEPROM Specification
ACAN-37
Airflow Back to Front



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com