Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6713 Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS320C6713
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320C6713 Datasheet HTML 82Page - Texas Instruments TMS320C6713 Datasheet HTML 83Page - Texas Instruments TMS320C6713 Datasheet HTML 84Page - Texas Instruments TMS320C6713 Datasheet HTML 85Page - Texas Instruments TMS320C6713 Datasheet HTML 86Page - Texas Instruments TMS320C6713 Datasheet HTML 87Page - Texas Instruments TMS320C6713 Datasheet HTML 88Page - Texas Instruments TMS320C6713 Datasheet HTML 89Page - Texas Instruments TMS320C6713 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 150 page
background image
TMS320C6713, TMS320C6713B
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS186I − DECEMBER 2001 − REVISED MAY 2004
86
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
multichannel audio serial port (McASP) peripherals (continued)
McASP flexible clock generators
The McASP transmit and receive clock generators are identical. Each clock generator can accept a
high-frequency master clock input (on the AHCLKX and AHCLKR pins).
The transmit and receive bit clocks (on the ACLKX and ACLKR pins) can also be sourced externally or can be
sourced internally by dividing down the high-frequency master clock input (programmable factor /1, /2, /3, ...
/4096). The polarity of each bit clock is individually programmable.
The frame sync pins are AFSX (transmit) and AFSR (receive). A typical usage for these pins is to carry the
left-right clock (LRCLK) signal when transmitting and receiving stereo data. The frame sync signals are
individually programmable for either internal or external generation, either bit or slot length, and either rising or
falling edge polarity.
Some examples of the things that a system designer can use the McASP clocking flexibility for are:
D Input a high-frequency master clock (for example, 512fs of the receiver), receive with an internally
generated bit clock ratio of /8, while transmitting with an internally generated bit clock ratio of /4 or /2. [An
example application would be to receive data from a DVD at 48 kHz but output up-sampled or decoded
audio at 96 kHz or 192 kHz.]
D Transmit/receive data based one sample rate (for example, 44.1 kHz) using McASP0 while transmitting and
receiving at a different sample rate (for example, 48 kHz) on McASP1.
D Use the DSP’s on-board AUXCLK to supply the system clock when the input source is an A/D converter.
McASP error handling and management
To support the design of a robust audio system, the McASP module includes error-checking capability for the
serial protocol, data underrun, and data overrun. In addition, each McASP includes a timer that continually
measures the high-frequency master clock every 32-SYSCLK2 clock cycles. The timer value can be read to
get a measurement of the high-frequency master clock frequency and has a min-max range setting that can
raise an error flag if the high-frequency master clock goes out of a specified range. The user would read the
high-frequency transmit master clock measurement (AHCLKX0 or AHCLKX1) by reading the XCNT field of the
XCLKCHK register and the user would read the high-frequency receive master clock measurement (AHCLKR0
or AHCLKR1) by reading the RCNT field of the RCLKCHK register.
Upon the detection of any one or more of the above errors (software selectable), or the assertion of the
AMUTE_IN pin, the AMUTE output pin may be asserted to a high or low level (selectable) to immediately mute
the audio output. In addition, an interrupt may be generated if enabled based on any one or more of the error
sources.
McASP interrupts and EDMA events
The McASP transmitter and receiver sections each generate an event on every time slot. This event can be
serviced by an interrupt or by the EDMA controller.
When using interrupts to service the McASP, each shift register buffer has a unique address in the McASP
Registers space (see Table 3).
When using the EDMA to service the McASP, the McASP DATA Port space in Table 3 is accessed. In this case,
the address least-significant bits are ignored. Writes to any address in this range access the transmitting buffers
in order from lowest (serializer 0) to highest (serializer 15), skipping over disabled and receiving serializers.
Likewise, reads from any address in this space access the receiving buffers in the same order but skip over
disabled and transmitting buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com