Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6713 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320C6713
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320C6713 Datasheet HTML 29Page - Texas Instruments TMS320C6713 Datasheet HTML 30Page - Texas Instruments TMS320C6713 Datasheet HTML 31Page - Texas Instruments TMS320C6713 Datasheet HTML 32Page - Texas Instruments TMS320C6713 Datasheet HTML 33Page - Texas Instruments TMS320C6713 Datasheet HTML 34Page - Texas Instruments TMS320C6713 Datasheet HTML 35Page - Texas Instruments TMS320C6713 Datasheet HTML 36Page - Texas Instruments TMS320C6713 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 150 page
background image
TMS320C6713, TMS320C6713B
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS186I − DECEMBER 2001 − REVISED MAY 2004
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
peripheral selection/device configurations via the DEVCFG control register
The device configuration register (DEVCFG) allows the user to control the pin availability of the McBSP0,
McBSP1, McASP0, I2C1, and Timer peripherals. The DEVCFG register also offers the user control of the EMIF
input clock source and the timer output pins. For more detailed information on the DEVCFG register control bits,
see Table 20 and Table 21.
Table 20. Device Configuration Register (DEVCFG) [Address location: 0x019C0200 − 0x019C02FF]
31
16
Reserved†
RW-0
15
54
3
21
0
Reserved†
EKSRC
TOUT1SEL
TOUT0SEL
MCBSP0DIS MCBSP1DIS
RW-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Legend: R/W = Read/Write; -n = value after reset
† Do not write non-zero values to these bit locations.
Table 21. Device Configuration (DEVCFG) Register Selection Bit Descriptions
BIT #
NAME
DESCRIPTION
31:5
Reserved
Reserved. Do not write non-zero values to these bit locations.
4
EKSRC
EMIF input clock source bit.
Determines which clock signal is used as the EMIF input clock.
0 = SYSCLK3 (from the clock generator) is the EMIF input clock source (default)
1 = ECLKIN external pin is the EMIF input clock source
3
TOUT1SEL
Timer 1 output (TOUT1) pin function select bit.
Selects the pin function of the TOUT1/AXR0[4] external pin independent of the rest of the peripheral
selection bits in the DEVCFG register.
0 = The pin functions as a Timer 1 output (TOUT1) pin (default)
1 = The pin functions as the McASP0 transmit/receive data pin 4 (AXR0[4]).
The Timer 1 module is still active.
2
TOUT0SEL
Timer 0 output (TOUT0) pin function select bit.
Selects the pin function of the TOUT0/AXR0[2] external pin independent of the rest of the peripheral
selection bits in the DEVCFG register.
0 = The pin functions as a Timer 0 output (TOUT0) pin (default)
1 = The pin functions as the McASP0 transmit/receive data pin 2 (AXR0[2]).
The Timer 0 module is still active.
1
MCBSP0DIS
Multichannel Buffered Serial Port 0 (McBSP0) disable bit.
Selects whether McBSP0 or the McASP0 multiplexed peripheral pins are enabled or disabled.
0 = McBSP0 peripheral pins are enabled, McASP0 peripheral pins (AHCLKR0, ACLKR0,
ACLKX0, AXR0[0], AXR0[1], AFSR0, and AFSX0) are disabled (default).
[If the McASP0 data pins are available, the McASP0 peripheral is functional for DIT
mode only.]
1 = McBSP0 peripheral pins are disabled, McASP0 peripheral pins (AHCLKR0, ACLKR0,
ACLKX0, AXR0[0], AXR0[1], AFSR0, and AFSX0) are enabled.
0
MCBSP1DIS
Multichannel Buffered Serial Port 1 (McBSP1) disable bit.
Selects whether McBSP1 or I2C1 and McASP0 multiplexed peripheral pins are enabled or disabled.
0 = McBSP1 peripheral pins are enabled, I2C1 peripheral pins (SCL1 and SDA1) and McASP0
peripheral pins (AXR0[7:5] and AMUTE0) are disabled (default)
1 = McBSP1 peripheral pins are disabled, I2C1 peripheral pins (SCL1 and SDA1) and McASP0
peripheral pins (AXR0[7:5] and AMUTE0) are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com