Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6713 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320C6713
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6713 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C6713 Datasheet HTML 1Page - Texas Instruments TMS320C6713 Datasheet HTML 2Page - Texas Instruments TMS320C6713 Datasheet HTML 3Page - Texas Instruments TMS320C6713 Datasheet HTML 4Page - Texas Instruments TMS320C6713 Datasheet HTML 5Page - Texas Instruments TMS320C6713 Datasheet HTML 6Page - Texas Instruments TMS320C6713 Datasheet HTML 7Page - Texas Instruments TMS320C6713 Datasheet HTML 8Page - Texas Instruments TMS320C6713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 150 page
background image
TMS320C6713, TMS320C6713B
FLOATING-POINT DIGITAL SIGNAL PROCESSORS
SPRS186I − DECEMBER 2001 − REVISED MAY 2004
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Table of Contents
EMIF device speed
93
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
EMIF big endian mode correctness [C6713B only]
95
. . .
bootmode
96
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
absolute maximum ratings over operating case
temperature range
97
. . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
98
. . . . . . . . . . . . . . . .
electrical characteristics over recommended ranges of
supply voltage and operating case temperature
99
.
parameter measurement information
100
. . . . . . . . . . . . . .
signal transition levels
100
. . . . . . . . . . . . . . . . . . . . . . . . . . .
timing parameters and board routing analysis
101
. . . . . .
input and output clocks
103
. . . . . . . . . . . . . . . . . . . . . . . . . .
asynchronous memory timing
107
. . . . . . . . . . . . . . . . . . . .
synchronous-burst memory timing
110
. . . . . . . . . . . . . . . .
synchronous DRAM timing
112
. . . . . . . . . . . . . . . . . . . . . . .
HOLD/HOLDA timing
118
. . . . . . . . . . . . . . . . . . . . . . . . . . .
BUSREQ timing
119
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
reset timing
120
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
external interrupt timing
122
. . . . . . . . . . . . . . . . . . . . . . . . .
multichannel audio serial port (McASP) timing
123
. . . . . .
inter-integrated circuits (I2C) timing
126
. . . . . . . . . . . . . . .
host-port interface timing
129
. . . . . . . . . . . . . . . . . . . . . . . .
multichannel buffered serial port timing
133
. . . . . . . . . . . .
timer timing
143
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
general-purpose input/output (GPIO) port timing
144
. . . .
JTAG test-port timing
145
. . . . . . . . . . . . . . . . . . . . . . . . . . .
mechanical data
146
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
revision history
149
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GDP 272-Ball BGA package (bottom view)
3
. . . . . . . . . . . . .
PYP PowerPAD QFP package (top view)
8
. . . . . . . . . . . . .
description
9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
device characteristics
10
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
functional block and CPU (DSP core) diagram
12
. . . . . . . . . .
CPU (DSP core) description
13
. . . . . . . . . . . . . . . . . . . . . . . . .
memory map summary
15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
peripheral register descriptions
17
. . . . . . . . . . . . . . . . . . . . . . .
signal groups description
26
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
device configurations
31
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
configuration examples
38
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
debugging considerations
45
. . . . . . . . . . . . . . . . . . . . . . . . . . .
terminal functions
46
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
development support
62
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
documentation support
65
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
CPU CSR register description
66
. . . . . . . . . . . . . . . . . . . . . . . .
cache configuration (CCFG) register description (13B)
68
. . .
interrupts and interrupt selector
69
. . . . . . . . . . . . . . . . . . . . . . .
external interrupt sources
71
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
EDMA module and EDMA selector
72
. . . . . . . . . . . . . . . . . . . .
PLL and PLL controller
75
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
multichannel audio serial port (McASP) peripherals
82
. . . . .
I2C
87
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
general-purpose input/output (GPIO)
88
. . . . . . . . . . . . . . . . . .
power-down mode logic
89
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-supply sequencing
91
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
power-supply decoupling
92
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
IEEE 1149.1 JTAG compatibility statement
92
. . . . . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com