Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1DA Datasheet(PDF) 1 Page - Recom International Power

Part # R1DA
Description  1 Watt SMD Dual Independent Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DA Datasheet(HTML) 1 Page - Recom International Power

  R1DA Datasheet HTML 1Page - Recom International Power R1DA Datasheet HTML 2Page - Recom International Power R1DA Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECONOLINE
DC/DC-Converter
R1DA
Selection Guide
1 Watt SMD
Dual
Independent
Outputs
● Fully RoHS 6/6 Conform
● Full Power at 100°C Ambient Temperature
● 1kVDC Isolation
● Suitable for Fully Automated Assembly
(including Vapor Phase Soldering)
● Optional Continuous Short Circuit Protection
Features
Unregulated
Converter
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
typ.
Capacitive
SMD
(VDC)
(VDC)
(mA)
(%)
Load(1)**
R1DA**xx3.33.3
3.3, 5, 9, 12, 15, 24
3.3/3.3
150/150
75
470µF/470µF
R1DA**xx0505
3.3, 5, 9, 12, 15, 24
5/5
100/100
72-78
470µF/470µF
R1DA**xx0909
3.3, 5, 9, 12, 15, 24
9/9
56/56
74-78
220µF/220µF
R1DA**xx1212
3.3, 5, 9, 12, 15, 24
12/12
42/42
75-80
68µF/68µF
R1DA**xx1515
3.3, 5, 9, 12, 15, 24
15/15
33/33
75-82
68µF/68µF
xx = Input Voltage (other input and output voltage combinations available on request
* add Suffix “P“ for Continuous Short Circuit Protection, e. g. R1DA-050505/P
* add Suffix -R for Tape & Reel Packing e.g. R1DA-050505-R. For more Details see Application Notes.
Refer to Application Notes
Input Voltage Range
±10%
Output Voltage Accuracy
-1% typ., ±5% max.
Line Voltage Regulation
All Variants
1% typ.
(Low Line to High Line @ max. Load)
Load Regulation
3.3V output types
15% typ., 20% max.
(10% to 100% Load)
5V output types
12%typ. / 15% max.
9V output types
7% typ., 10% max.
12V, 15V output types
6% typ., 10% max.
Output Ripple and Noise (20MHz BW limited)
50 mVp-p typ. / 100mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 90kHz max.
Efficiency at Full Load
See Selection Guide
Minimum Load = 0%
Specifications valid for 10% minimum Load only
Isolation Voltage Input/Output
(tested for 1 second)
1000VDC
Isolation Voltage Output/Output
(rated for 1 minute**)
500VAC / 60Hz
Isolation Capacitance
75pF max.
Isolation Resistance
Viso=500V
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range
-40°C to +100°C (see Graph)
Storage Temperature Range
-50°C to +125°C
Reflow Temperature
RoHS compliant
245°C (30 sec), Peak 255°C (5 sec) max.
Vapor Phase Process
(for more details see Application Notes) 230°C (90 sec) max.
Relative Humidity
95% RH
Humidity Susceptibility Test
1000 hrs / 90% humidity / +85°C ambient
continued on next page
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Description
The R1DA converters are of the enclosed open frame type, i.e. they are not potted.The
converters are typically used in general purpose and industrial low power isolation and
voltage matching applications where an SMD converter is required. The converter series
feature an extended ambient temperature operating range of -40°C to +100°C without
derating and optional continuous short circuit protection.In addition to single, dual and
independent outputs, two isolation options and three different case formats, the
converters are also available prepacked as tape and reel for use with automatic insertion
machines.
Derating-Graph
(Ambient Temperature)
R1DA-0505
UL-60950-1-Certified
EN-60950-1-Certified
E358085
120
100
20
60
125
75
0
-40
Operating Temperature (°C)
0
80
50
25
100
40
110
Safe Operating Area
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
REV: 0/2015
www.recom-power.com
E-76


Similar Part No. - R1DA

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
R1D SAMYANG-R1D Datasheet
1Mb / 2P
PLASTIC SILICON RECTIFIER
logo
Recom International Pow...
R1D RECOM-R1D Datasheet
127Kb / 4P
DC/DC-Converter with 3 year Warranty
REV: 1/2016
R1D**-xx05 RECOM-R1D**-xx05 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R1D**-xx09 RECOM-R1D**-xx09 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
R1D**-xx12 RECOM-R1D**-xx12 Datasheet
127Kb / 4P
Full Power at 100째C Ambient Temperature
More results

Similar Description - R1DA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
1 Watt SMD Single & Dual Output
RSS-1.81.8 RECOM-RSS-1.81.8_06 Datasheet
126Kb / 4P
1 Watt SMD Single & Dual Output
RSS RECOM-RSS_10 Datasheet
249Kb / 6P
1 Watt SMD Single & Dual Output
R1S-0505 RECOM-R1S-0505 Datasheet
160Kb / 4P
1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-2405HP ETC2-R1S-2405HP Datasheet
126Kb / 4P
1 Watt SMD Single Dual Output
logo
Recom International Pow...
R1D-1212 RECOM-R1D-1212 Datasheet
157Kb / 5P
1 Watt SMD Single Dual Output
R0.25S-D RECOM-R0.25S-D Datasheet
128Kb / 4P
0.25 Watt SMD Single, Dual Independent Outputs
RU-RUM RECOM-RU-RUM Datasheet
97Kb / 2P
Twin Independent Outputs
R1DX RECOM-R1DX Datasheet
1Mb / 8P
1 Watt SMD Single & Dual Output
R1M RECOM-R1M Datasheet
869Kb / 6P
1 Watt SMD Single & Dual Output
REV.: 0/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com