Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1DA Datasheet(PDF) 3 Page - Recom International Power

Part # R1DA
Description  1 Watt SMD Dual Independent Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DA Datasheet(HTML) 3 Page - Recom International Power

  R1DA Datasheet HTML 1Page - Recom International Power R1DA Datasheet HTML 2Page - Recom International Power R1DA Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Style and Pinning (mm)
EMC Filtering - Suggestion for EN55022 Class B (Conducted and emitted)
ECONOLINE
DC/DC-Converter
R1DA
Series
12 PIN Dual SMD Package
RECOM
R1DA-xxxx
xxxx
10
76
5
4
2
1
15.24
6.70
2.54x4
7.00
10.70
8.50
11.10
Bottom View
0.50
2.54
Top View
10
76
5
4
2
1
12.00
1.20
1.80
Input
+
C1
L1
470pF/2kVDC
470pF/2kVDC
+Vout1
-Vout1
+Vout2
-Vout2
Fuse
Pin Connections
Pin #
Function
1
–Vin
2
+Vin
4
-Vout1
5
+Vout1
6
-Vout2
7
+Vout2
10
NC
NC= No Connection
Standard
C1
L1
Vin
2.2µF
4.7µH
3.3V
2.2µF
4.7µH
5V
2.2µF
10µH
9V
2.2µF
10µH
12V
2.2µF
10µH
15V
2.2µF
22µH
24V
/P versions
C1
L1
Vin
4.7µF
10µH
3.3V
4.7µF
10µH
5V
4.7µF
10µH
9V
4.7µF
10µH
12V
4.7µF
22µH
15V
C1 = MLCC
L1 = SMD Inductor
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-78



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com