Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1DA Datasheet(PDF) 2 Page - Recom International Power

Part # R1DA
Description  1 Watt SMD Dual Independent Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1DA Datasheet(HTML) 2 Page - Recom International Power

  R1DA Datasheet HTML 1Page - Recom International Power R1DA Datasheet HTML 2Page - Recom International Power R1DA Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ECONOLINE
DC/DC-Converter
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up
Tolerance Envelope
Package Weight
1.2g
Packing Quantity
33 pcs per tube / 500 pcs per reel
MTBF
Using MIL-HDBK 217F (+25°C)
1045 x 10³ hours
Using MIL-HDBK 217F (+85°C)
183 x 10³ hours
Detailed Information see Application Notes chapter „MTBF“
Certifications
EN General Safety
Report: 10010807-2009
EN-60950-1. 2nd Edition
Conducted Emissions
EN55022 Class B with Filter
Radiated Emissions
EN55022 Class B with FIlter
UL General Safety
Report: E358085
UL60950-1, 2nd Edition
Typical Characteristics
R1DA-xx0505
R1DA-xx1212
+10%
+5%
V Nom.
+5%
– 1%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
0
40%
0%
100%
10.000
Deviation / Load
60%
80%
20%
5.000
15.000
20.000
Total Output Current (%)
120505
3.30505
050505
-5.000
25.000
-10.000
100
0
40%
0%
100%
Total Output Current (%)
40
Efficiency / Load
60%
80%
20%
20
60
80
3.30505
050505
120505
0
40%
0%
100%
10.000
Deviation / Load
60%
80%
20%
5.000
15.000
20.000
Total Output Current (%)
3.31212
051212
121212
-5.000
-10.000
25.000
100
0
40%
0%
100%
Total Output Current (%)
40
Efficiency / Load
60%
80%
20%
20
60
80
3.31212
051212
121212
R1DA
Series
Notes
Note 1: Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
REV: 0/2015
E-77
www.recom-power.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com