Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S-R2D Datasheet(PDF) 1 Page - Recom International Power

Part # R2S-R2D
Description  2 Watt SMD Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2S-R2D Datasheet(HTML) 1 Page - Recom International Power

  R2S-R2D Datasheet HTML 1Page - Recom International Power R2S-R2D Datasheet HTML 2Page - Recom International Power R2S-R2D Datasheet HTML 3Page - Recom International Power R2S-R2D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R2S-R2D
Refer to Application Notes
ECONOLINE
DC/DC-Converter
with 3 year Warranty
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
Load(1)
R2S**-xx3.3
(H)
5, 12, 15, 24
3.3
606
70-75
3300µF
R2S**-xx05
(H)
5, 12, 15, 24
5
400
76-84
1200µF
R2S**-xx09
(H)
5, 12, 15, 24
9
222
76-84
1200µF
R2S**-xx12
(H)
5, 12, 15, 24
12
167
76-85
680µF
R2S**-xx15
(H)
5, 12, 15, 24
15
133
76-85
680µF
R2S**-xx24
(H)
5, 12, 15, 24
24
83
76-85
220µF
R2D**-xx05
(H)
5, 12, 15, 24
±5
±200
75-80
±470µF
R2D**-xx09
(H)
5, 12, 15, 24
±9
±111
75-80
±470µF
R2D**-xx12
(H)
5, 12, 15, 24
±12
±83
75-83
±330µF
R2D**-xx15
(H)
5, 12, 15, 24
±15
±66
75-85
±330µF
R2D**-xx24
(H)
5, 12, 15, 24
±24
±42
75-85
±330µF
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g. R2S-0505/P, R2D-0505/HP
* add suffix -R for tape&reel packing e.g. R2S-0505-R. For more details see Tapes Section.
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
20kHz min. / 40kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
continued on next page
2 Watt
SMD Single &
Dual Output
Features
Unregulated
Converters
Description
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
The R2S and R2D converters are of the enclosed open frame type, meaning that they are
un-potted. The converters are typically used in general purpose and industrial low power
isolation and voltage matching applications where an SMD converter is required.
The converter series feature an extended ambient temperature operating range of
-40°C to +100°C without derating and optional continuous short circuit protection.
In addition to two isolation options and three different case formats, the converters are also
available prepacked as tape and reel for use with automatic insertion machines.
R2S** : ** without marking denotes 5 pins out of 8 fitted (/H option available)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (/H option available)
R2D** : ** without marking denotes 6 pins out of 10 fitted (/H option available)
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
** with marking 12 denotes with 10 pins out of 12 fitted (/H option available)
Case and Pinning Options (note restrictions on /H option)
E358085
UL-60950-1 Certified
EN-60950-1 Certified
EN-60601-1 Certified*
(*/H suffix)
Fully RoHS 6/6 Conform
Full Power at 100°C Ambient Temperature
1kVDC and 3kVDC Isolation Options
/H Version Certified for Medical Applications
UL/EN/CSA Certified, CB Report
Suitable for Fully Automated Assembly
(including Vapor Phase Soldering)
Optional Continuous Short Circuit Protection
Efficiency to 85%
Built-In EN55022 Class A Filter
RoHS
2011/65/EU
6/6
100
60
20
40
105
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
Derating-Graph
(Ambient Temperature)
***Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.
REV: 0/2015
E-85
www.recom-power.com


Similar Part No. - R2S-R2D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-0512 RECOM-R2S-0512 Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
logo
List of Unclassifed Man...
R2S-1212-R ETC2-R2S-1212-R Datasheet
140Kb / 4P
Fully RoHS 6/6 Conform
logo
Recom International Pow...
R2S-xx05 RECOM-R2S-xx05 Datasheet
127Kb / 4P
2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-xx05 ETC2-R2S-xx05 Datasheet
140Kb / 4P
Fully RoHS 6/6 Conform
More results

Similar Description - R2S-R2D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RTS-123.3 RECOM-RTS-123.3 Datasheet
97Kb / 3P
2 Watt SMD Single & Dual Output
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
RW2-053.3S RECOM-RW2-053.3S Datasheet
102Kb / 2P
2 Watt DIP16 & SMD Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
2 Watt SMD Single & Dual Output
RW2-053.3S RECOM-RW2-053.3S_10 Datasheet
114Kb / 2P
2 Watt DIP16,Mini DIP16 & SMD Single & Dual Output
R2S RECOM-R2S Datasheet
127Kb / 4P
2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-0512 RECOM-R2S-0512 Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
R2SX RECOM-R2SX Datasheet
584Kb / 6P
2 Watt SMD Single Output
R2M RECOM-R2M Datasheet
943Kb / 6P
2 Watt DIP8 & SMD Single & Dual Output
REV.: 2/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com