Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S-R2D Datasheet(PDF) 2 Page - Recom International Power

Part # R2S-R2D
Description  2 Watt SMD Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2S-R2D Datasheet(HTML) 2 Page - Recom International Power

  R2S-R2D Datasheet HTML 1Page - Recom International Power R2S-R2D Datasheet HTML 2Page - Recom International Power R2S-R2D Datasheet HTML 3Page - Recom International Power R2S-R2D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R2S & R2D
Series
ECONOLINE
DC/DC-Converter
Specifications - Continued
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
3.305
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
1205
2405
3.305
R2S-xx05
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute***)
500VAC / 60Hz
Isolation Voltage
(tested for 1 second)
3000VDC
(rated for 1 minute***)
1500VAC / 60Hz
Isolation Capacitance
115pF max.
Isolation Resistance
(Viso 500V)
10 G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection)
-40°C to +100°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature
ROHS compliant
245°C (30 sec), peak 255°C (5 sec) max.
Vapor Phase Process
(for more details see Application Notes)
230°C (90 sec) max.
Relative Humidity
95% RH
Package Weight
R2S, R2S8
1.4g
R2D, R2D10
1.5g
R2S12, R2D12
1.6g
Packing Quantity
R2S, R2S8
39 pcs per Tube
R2S12, R2D, R2D10, R2D12
33 pcs per tube
All Types
250 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
886 x 103 hours
(+85°C)
using MIL-HDBK 217F
128 x 103 hours
Certifications
CB Test Report
Report: US/14402/UL
UL General Safety
Report: E358085
UL 60950-1 2nd Ed.
CUL General Safety
C22.2 No. 60950-1-03
EN Medical Safety
Report: MDD1205098-2 + RM1205098-2
IEC/EN 60601-1 3rd Ed.
Medical Report + ISO14971 Risk Assessment
EN General Safety
Report: SPCLVD 1211033-3
EN60950-1: 2006 + A12:2011
Conducted / Radiated Emissions
EN55022
Level A
} Detailed Information see
Application Notes chapter "MTBF"
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
3.305
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
1205
2405
3.305
R2D-xx05
Notes
Note 1
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
REV: 0/2015
www.recom-power.com
E-86



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com