Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2S-R2D Datasheet(PDF) 4 Page - Recom International Power

Part # R2S-R2D
Description  2 Watt SMD Single & Dual Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R2S-R2D Datasheet(HTML) 4 Page - Recom International Power

  R2S-R2D Datasheet HTML 1Page - Recom International Power R2S-R2D Datasheet HTML 2Page - Recom International Power R2S-R2D Datasheet HTML 3Page - Recom International Power R2S-R2D Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Bottom View
0.50
Top View
Top View
Bottom View
0.50
2.54 x 3=7.62±0.5
12.75
8.7
9.0
11.10
10.7
8.50
5
2
4
1
8
10
2
4 5
RECOM
R2D10-xxxx
xxxx
1
15.24
8.7
2.54x4=10.16±0.5
9.0
12.00
1.80
2.54±0.5
1.20
85
24
1
RECOM
R2S8-xxxx
xxxx
12.00
1.80
10
7
24
15
1.20
7
11.10
10.7
8.50
2.54±0.5
76
3
3
6
7
3
6
8
9
3
9 8
6
R2S & R2D
Series
ECONOLINE
DC/DC-Converter
Full 8 PIN Single SMD Package
Full 10 PIN Dual SMD Package
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3NC
NC
4
–Vout
Com
5
+Vout
–Vout
6NC
NC
7
NC
+Vout
8NC
NC
9-
NC
10
-
NC
NC = No Connection
Recommended Footprint Details
Recommended Footprint Details
Note: /H option is not available in
these pin packages
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm)
12 PIN Single and Dual SMD Package
Bottom View
0.55
Top View
Separation
> 3.8 mm
*R2S12-05xx/HP = 9.4mm
2
5
RECOM
R2S_R2D12-xxxx
xxxx
1
15.24
8.7
2.54x5=12.7±0.5
9.0*
12.00
1.80
7
2
15
1.20
7
6
8
11
12
6
8
11
12
3
10
3
10
11.10
10.7
8.50
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
3NC
NC
5
–Vout
Com
6
NC
–Vout
7NC
NC
8
+Vout
+Vout
10
NC
NC
11
NC
NC
12
NC
NC
NC = No Connection
Recommended Footprint Details
Note: /H option is available in
this pin package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
R2S** :
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
e.g. R2S12-0505, R2S12-0505/H, R2S12-0505/HP
R2D** : ** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
e.g. R2D12-0505, R2D12-0505/H, R2D12-0505/HP
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
www.recom-power.com
E-88



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com