Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1908J Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1908J
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1908J Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1908J Datasheet HTML 1Page - IXYS Corporation CPC1908J Datasheet HTML 2Page - IXYS Corporation CPC1908J Datasheet HTML 3Page - IXYS Corporation CPC1908J Datasheet HTML 4Page - IXYS Corporation CPC1908J Datasheet HTML 5Page - IXYS Corporation CPC1908J Datasheet HTML 6Page - IXYS Corporation CPC1908J Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
R10
www.ixysic.com
4
CPC1908
3
Performance Data @ 25°C (Unless Otherwise Noted)
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
35
30
25
20
15
10
5
0
1.30
1.31
1.32
1.33
1.34
Typical LED Forward Voltage Drop
(N=50, I
F=10mA, IL=1ADC)
LED Forward Voltage Drop (V)
13
17
21
11
15
19
25
20
15
10
5
0
Turn-On (ms)
Typical Turn-On Time
(N=50, I
F=10mA, IL=1ADC)
0.13
0.17
0.21
0.11
0.15
0.19
25
20
15
10
5
0
Turn-Off (ms)
Typical Turn-Off Time
(N=50, I
F=10mA, IL=1ADC)
35
30
25
20
15
10
5
0
0.078
0.082
0.086
0.094
0.090
0.098
On-Resistance (
Ω)
Typical On-Resistance Distribution
(N=50, I
F=10mA, IL=1ADC)
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
Temperature (ºC)
LED Forward Current (mA)
0
5
1015202530354045
50
40
35
30
25
20
15
10
5
0
Typical Turn-On Time
vs. LED Forward Current
(I
L=1ADC)
LED Forward Current (mA)
0
5
1015202530354045
50
Typical Turn-Off Time
vs. LED Forward Current
(I
L=1ADC)
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
-40
10
9
8
7
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
Typical I
F for Switch Operation
vs. Temperature
(I
L=1ADC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
21
18
15
12
9
6
3
0
Typical Turn-On Time vs. Temperature
(I
F=10mA, IL=1ADC)
Temperature (ºC)
-40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Turn-Off Time vs. Temperature
(I
F=10mA, IL=1ADC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com